Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25170XG Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # X25170XG
Description  SPI Serial E 2 PROM with Block Lock ??Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25170XG Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button X25170XG Datasheet HTML 3Page - IC MICROSYSTEMS X25170XG Datasheet HTML 4Page - IC MICROSYSTEMS X25170XG Datasheet HTML 5Page - IC MICROSYSTEMS X25170XG Datasheet HTML 6Page - IC MICROSYSTEMS X25170XG Datasheet HTML 7Page - IC MICROSYSTEMS X25170XG Datasheet HTML 8Page - IC MICROSYSTEMS X25170XG Datasheet HTML 9Page - IC MICROSYSTEMS X25170XG Datasheet HTML 10Page - IC MICROSYSTEMS X25170XG Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
X25170
Characteristics subject to change without notice.
7 of 15
Figure 5. Page Write Operation Sequence
Figure 6. Write Status Register Operation Sequence
32 33 34 35 36 37 38 39
SCK
SI
CS
0123456789
10
SCK
SI
Instruction
16 Bit Address
Data Byte 1
7
6543210
CS
40 41 42 43 44 45 46 47
Data Byte 2
76543210
Data Byte 3
76543210
Data Byte N
15 14 13
321
0
20 21 22 23 24 25 26 27 28 29 30 31
6543210
0123456789
CS
SCK
SI
SO
High Impedance
Instruction
Data Byte
7654
32
10
10
11 12 13 14 15
Operational Notes
The X25170 powers-up in the following state:
– The device is in the low power standby state.
– A HIGH to LOW transition on CS is required to enter
an active state and receive an instruction.
– SO pin is high impedance.
– The “write enable” latch is reset.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
– The “write enable” latch is reset upon power-up.
– A WREN instruction must be issued to set the “write
enable” latch.
–CS must come HIGH at the proper clock count in order
to start a write cycle.


Similar Part No. - X25170XG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X251 ETC1-X251 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X251-883B ETC1-X251-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128FG ICMIC-X25128FG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25170XG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com