Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7534051N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN7534051N
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7534051N Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN7534051N Datasheet HTML 4Page - Texas Instruments SN7534051N Datasheet HTML 5Page - Texas Instruments SN7534051N Datasheet HTML 6Page - Texas Instruments SN7534051N Datasheet HTML 7Page - Texas Instruments SN7534051N Datasheet HTML 8Page - Texas Instruments SN7534051N Datasheet HTML 9Page - Texas Instruments SN7534051N Datasheet HTML 10Page - Texas Instruments SN7534051N Datasheet HTML 11Page - Texas Instruments SN7534051N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
TEST CIRCUIT
C
(see Note A)
L = 50 pF
RL = 27
Output
2.3 V
Input
(see Note B)
VOLTAGE WAVEFORMS
Y
Z
Input
(see Note A)
0 V
1.5 V
1.5V
3 V
2.3 V
2.3 V
2.3 V
2.3 V
tPLH
tPLH
tPHL
tPHL
VOH
VOL
VOL
VOH
Output
VOH
0 V
Input DE
1.5 V
1.5V
VOLTAGE WAVEFORMS
3 V
2.3 V
GND
0.5 V
tPZH
tPHZ
TEST CIRCUIT
C
(see Note A)
L = 50 pF
(see Note B)
DE
RL = 110
Output
0 V or 3 V
50
Pulse
Generator
Output
VOL
0 V
Input DE
1.5 V
1.5V
VOLTAGE WAVEFORMS
3 V
2.3 V
5 V
0.5 V
tPZL
tPLZ
TEST CIRCUIT
C
(see Note A)
L = 50 pF
(see Note B)
DE
RL = 110
Output
5 V
0 V or 3 V
50
Pulse
Generator
SN7534050, SN7534051
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS833 – MAY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, t
r = tr≤ 6 ns.
Figure 4. Driver Test Circuit and Voltage Waveforms,
tPLH and tPHL
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, t
r = tr≤ 6 ns.
Figure 5. Driver Test Circuit and Voltage Waveforms,
tPZH and tPHZ
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, t
r = tr≤ 6 ns.
Figure 6. Driver Test Circuit and Voltage Waveforms,
tPZL and tPLZ
8
Submit Documentation Feedback


Similar Part No. - SN7534051N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372 TI-SN75372 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372D TI-SN75372D Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI1-SN75372D Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI-SN75372D Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN7534051N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com