Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7534050NSG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN7534050NSG4
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7534050NSG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN7534050NSG4 Datasheet HTML 2Page - Texas Instruments SN7534050NSG4 Datasheet HTML 3Page - Texas Instruments SN7534050NSG4 Datasheet HTML 4Page - Texas Instruments SN7534050NSG4 Datasheet HTML 5Page - Texas Instruments SN7534050NSG4 Datasheet HTML 6Page - Texas Instruments SN7534050NSG4 Datasheet HTML 7Page - Texas Instruments SN7534050NSG4 Datasheet HTML 8Page - Texas Instruments SN7534050NSG4 Datasheet HTML 9Page - Texas Instruments SN7534050NSG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
Switching Characteristics
RECEIVER SECTION
Electrical Characteristics
Switching Characteristics
SN7534050, SN7534051
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS833 – MAY 2007
V
CC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential output delay time
RL = 100 Ω, CL = 50 pF, See Figure 3
20
25
ns
tt(OD)
Differential output transition time
RL = 100 Ω, CL = 50 pF, See Figure 3
27
35
ns
tPLH
Propagation delay time, low- to high-level output
RL = 27 Ω, See Figure 4
20
25
ns
tPHL
Propagation delay time, high- to low-level output
RL = 27 Ω, See Figure 4
20
25
ns
tPZH
Output enable time to high level
RL = 110 Ω, See Figure 5
80
120
ns
tPZL
Output enable time to low level
RL = 110 Ω, See Figure 6
40
60
ns
tPHZ
Output disable time from high level
RL = 110 Ω, See Figure 5
90
120
ns
tPLZ
Output disable time from low level
RL = 110 Ω, See Figure 6
30
45
ns
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage, differential input
0.2
V
Negative-going input threshold voltage, differential
VIT–
–0.2(2)
V
input
Vhys
Input hysteresis (VIT+ – VIT–)
50
mV
VIK
Input clamp voltage, RE
SN7534050 II = –18 mA
–1.5
V
VID = 200 mV,
VOH
High-level output voltage
See Figure 2
2.7
V
IOH = –400 µA,
IOL = 8 mA
0.45
VID = –200 mV,
VOL
Low-level output voltage
V
See Figure 2
IOL = 16 mA
0.5
IOZ
High-impedance-state output current
SN7534050 VO = 0.4 V to 2.4 V
±20
µA
VI = 10 V
1.5
II
Line input current
Other input at 0 V
mA
VI = –10 V
–2.5
IIH
High-level enable input current, RE
SN7534050 VIH = 2.7 V
20
µA
IIL
Low-level enable input current, RE
SN7534050 VIL = 0.4 V
–100
µA
rI
Input resistance
12
k
IOS
Short circuit output current
–15
–85
mA
ICC
Supply current (total package)
No load, enabled
80
110
mA
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for
common-mode input voltage and threshold voltage levels.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID = 1.5 V, CL = 15 pF,
tPLH
Propagation delay time, low- to high-level output
20
35
ns
See Figure 7
VID = 1.5 V, CL = 15 pF,
tPHL
Propagation delay time, high- to low-level output
22
35
ns
See Figure 7
tPZH
Output enable time to high level
SN7534050
CL = 15 pF, see Figure 8
17
25
ns
tPZL
Output enable time to low level
SN7534050
CL = 15 pF, See Figure 8
20
27
ns
tPHZ
Output disable time from high level
SN7534050
CL = 15 pF, See Figure 8
25
40
ns
tPLZ
Output disable time from low level
SN7534050
CL = 15 pF, See Figure 8
30
40
ns
6
Submit Documentation Feedback


Similar Part No. - SN7534050NSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372 TI-SN75372 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372D TI-SN75372D Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI1-SN75372D Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI-SN75372D Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN7534050NSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com