Electronic Components Datasheet Search |
|
SN74LV273APWG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN74LV273APWG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 21 page SN54LV273A, SN74LV273A OCTAL DTYPE FLIPFLOPS WITH CLEAR SCLS399J − APRIL 1998 − REVISED APRIL 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV273A SN74LV273A UNIT MIN MAX MIN MAX MIN MAX UNIT tw Pulse duration CLR low 6.5 7 7 ns tw Pulse duration CLK high or low 7 8.5 8.5 ns tsu Setup time, data before CLK ↑ Data 8.5 10.5 10.5 ns tsu Setup time, data before CLK ↑ CLR inactive 4 4 4 ns th Hold time, data after CLK ↑ 0.5 1 1 ns timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV273A SN74LV273A UNIT MIN MAX MIN MAX MIN MAX UNIT tw Pulse duration CLR low 5 6 6 ns tw Pulse duration CLK high or low 5 6.5 6.5 ns tsu Setup time, data before CLK ↑ Data 5.5 6.5 6.5 ns tsu Setup time, data before CLK ↑ CLR inactive 2.5 2.5 2.5 ns th Hold time, data after CLK ↑ 1 1 1 ns timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54LV273A SN74LV273A UNIT MIN MAX MIN MAX MIN MAX UNIT tw Pulse duration CLR low 5 5 5 ns tw Pulse duration CLK high or low 5 5 5 ns tsu Setup time, data before CLK ↑ Data 4.5 4.5 4.5 ns tsu Setup time, data before CLK ↑ CLR inactive 2 2 2 ns th Hold time, data after CLK ↑ 1 1 1 ns switching characteristics over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV273A SN74LV273A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT fmax CL = 15 pF 55* 95* 45* 45 MHz fmax CL = 50 pF 45 75 40 40 MHz tpd CLK Q CL = 15 pF 10.4* 18.3* 1* 20.5* 1 20.5 ns tPHL CLR Q CL = 15 pF 10.3* 19* 1* 21* 1 21 ns tpd CLK Q 12.9 22.1 1 25 1 25 tPHL CLR Q CL = 50 pF 13.1 22.8 1 25.5 1 25.5 ns tsk(o) CL = 50 pF 2 2 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - SN74LV273APWG4 |
|
Similar Description - SN74LV273APWG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |