Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022QPWRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLE2022QPWRQ1
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION POERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2022QPWRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLE2022QPWRQ1 Datasheet HTML 4Page - Texas Instruments TLE2022QPWRQ1 Datasheet HTML 5Page - Texas Instruments TLE2022QPWRQ1 Datasheet HTML 6Page - Texas Instruments TLE2022QPWRQ1 Datasheet HTML 7Page - Texas Instruments TLE2022QPWRQ1 Datasheet HTML 8Page - Texas Instruments TLE2022QPWRQ1 Datasheet HTML 9Page - Texas Instruments TLE2022QPWRQ1 Datasheet HTML 10Page - Texas Instruments TLE2022QPWRQ1 Datasheet HTML 11Page - Texas Instruments TLE2022QPWRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TLE202xQ1, TLE202xAQ1
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SGLS199A − JANUARY 2004 − REVISED APRIL 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2022 electrical characteristics at specified free-air temperature, VCC = ±15 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2022-Q1
TLE2022A-Q1
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
150
500
120
300
V
VIO
Input offset voltage
Full range
700
450
µV
αVIO
Temperature coefficient
Full range
2
2
V/
°C
αVIO
Temperature coefficient
of input offset voltage
Full range
2
2
µV/°C
Input offset voltage
long-term drift
VIC = 0,
RS = 50 Ω
25
°C
0.006
0.006
V/mo
long-term drift
(see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.006
0.006
µV/mo
IIO
Input offset current
25
°C
0.5
6
0.4
6
nA
IIO
Input offset current
Full range
10
10
nA
IIB
Input bias current
25
°C
35
70
33
70
nA
IIB
Input bias current
Full range
90
90
nA
−15
−15.3
−15
−15.3
25
°C
−15
to
−15.3
to
−15
to
−15.3
to
VICR
Common-mode input
RS = 50 Ω
25 C
to
13.5
to
14
to
13.5
to
14
V
VICR
Common-mode input
voltage range
RS = 50 Ω
−15
−15
V
voltage range
Full range
−15
to
−15
to
Full range
to
13.2
to
13.2
VOM +
Maximum positive peak
25
°C
14
14.3
14
14.3
V
VOM +
Maximum positive peak
output voltage swing
RL = 10 kΩ
Full range
13.8
13.8
V
VOM −
Maximum negative peak
RL = 10 kΩ
25
°C
−13.7
−14.1
−13.7
−14.1
V
VOM −
Maximum negative peak
output voltage swing
Full range
−13.6
−13.6
V
AVD
Large-signal differential
VO = ±10 V,
RL = 10 kΩ
25
°C
0.8
4
1
7
V/ V
AVD
Large-signal differential
voltage amplification
VO = ±10 V,
RL = 10 kΩ
Full range
0.8
1
V/
µV
CMRR
Common-mode rejection
VIC = VICRmin,
RS = 50 Ω
25
°C
95
106
97
109
dB
CMRR
Common-mode rejection
ratio
VIC = VICRmin,
RS = 50 Ω
Full range
91
93
dB
kSVR
Supply-voltage rejection
VCC = ±2.5 V to ±15 V
25
°C
100
115
103
118
dB
kSVR
Supply-voltage rejection
ratio (
∆VCC± /∆VIO)
VCC ± = ±2.5 V to ±15 V
Full range
95
98
dB
ICC
Supply current
25
°C
550
700
550
700
A
ICC
Supply current
V
= 0,
No load
Full range
700
700
µA
∆ICC
Supply current change
over operating
VO = 0,
No load
Full range
60
60
µA
∆ICC
over operating
temperature range
Full range
60
60
µA
† Full range is −40°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLE2022QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2022QPWRQ1 TI-TLE2022QPWRQ1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2022QPWRQ1 TI1-TLE2022QPWRQ1 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2022QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TEL2027-Q1 TI-TEL2027-Q1 Datasheet
525Kb / 29P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION POERATIONAL AMPLIFIERS
TLE202X TI-TLE202X_07 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI-TLE202X-Q1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024BM TI1-TLE2024BM Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202XA TI-TLE202XA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI-TLE202X Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024-EP TI-TLE2024-EP Datasheet
898Kb / 42P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_16 Datasheet
2Mb / 80P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_17 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI1-TLE202X-Q1_15 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com