Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS05DRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS05DRE4
Description  HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS05DRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS05DRE4 Datasheet HTML 1Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 2Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 3Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 4Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 5Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 6Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 7Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 8Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN54LS05, SN54S05
SN7405, SN74LS05, SN74S05
HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS
SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54LS05
SN74LS05
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS05
SN74LS05
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = −18 mA
−1.5
−1.5
V
IOH
VCC = MIN,
VIL = MAX,
VOH = 5.5 V
0.1
0.1
mA
VOL
VCC = MIN,
VIH = 2 V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = MIN,
VIH = 2 V
IOL = 8 mA
0.35
0.5
V
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
VCC = MAX,
VI = 0.4 V
−0.4
−0.4
mA
ICCH
VCC = MAX,
VI = 0 V
1.2
2.4
1.2
2.4
mA
ICCL
VCC = MAX,
VI = 4.5 V
3.6
6.6
3.6
6.6
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 2 kΩ,
CL = 15 pF
17
32
ns
tPHL
A
Y
RL = 2 kΩ,
CL = 15 pF
15
28
ns
The SN5405 is obsolete
and no longer is supplied.


Similar Part No. - SN74LS05DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS05DRE4 TI-SN74LS05DRE4 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
SN74LS05DRE4 TI-SN74LS05DRE4 Datasheet
893Kb / 22P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUPUTS
SN74LS05DRE4 TI1-SN74LS05DRE4 Datasheet
876Kb / 22P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74LS05DRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS04 RENESAS-HD74LS04 Datasheet
83Kb / 6P
   Hex Inverters / Hex Inverters (with Open Collector Outputs)
HD74LS04 RENESAS-HD74LS04_15 Datasheet
103Kb / 8P
   Hex Inverters / Hex Inverters (with Open Collector Outputs)
logo
Fairchild Semiconductor
DM7405 FAIRCHILD-DM7405 Datasheet
35Kb / 3P
   Hex Inverters with Open-Collector Outputs
DM74LS05 FAIRCHILD-DM74LS05 Datasheet
61Kb / 5P
   Hex Inverters with Open-Collector Outputs
logo
National Semiconductor ...
54LS05 NSC-54LS05 Datasheet
61Kb / 2P
   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS04 HITACHI-HD74LS04 Datasheet
50Kb / 5P
   Hex Inverters(with Open Collector Outputs)
logo
Texas Instruments
SN54ALS05A TI-SN54ALS05A Datasheet
491Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
National Semiconductor ...
DM5405 NSC-DM5405 Datasheet
97Kb / 4P
   DM5405/DM7405 Hex Inverters with Open-Collector Outputs
logo
Texas Instruments
SN54LS05W TI-SN54LS05W Datasheet
893Kb / 22P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUPUTS
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com