Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM18L08-70-S Datasheet(PDF) 6 Page - Ramtron International Corporation

Part # FM18L08-70-S
Description  256Kb Bytewide FRAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM18L08-70-S Datasheet(HTML) 6 Page - Ramtron International Corporation

Back Button FM18L08-70-S Datasheet HTML 2Page - Ramtron International Corporation FM18L08-70-S Datasheet HTML 3Page - Ramtron International Corporation FM18L08-70-S Datasheet HTML 4Page - Ramtron International Corporation FM18L08-70-S Datasheet HTML 5Page - Ramtron International Corporation FM18L08-70-S Datasheet HTML 6Page - Ramtron International Corporation FM18L08-70-S Datasheet HTML 7Page - Ramtron International Corporation FM18L08-70-S Datasheet HTML 8Page - Ramtron International Corporation FM18L08-70-S Datasheet HTML 9Page - Ramtron International Corporation FM18L08-70-S Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FM18L08
Rev. 3.4
July 2007
6 of 13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +5.0V and VIN
< VDD+1V
TSTG
Storage temperature
-55
°C to +125°C
TLEAD
Lead temperature (Soldering, 10 seconds)
300
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Machine Model (JEDEC Std JESD22-A115-A)
4kV
400V
Package Moisture Sensitivity Level
MSL-1 (SOIC/DIP)
MSL-2 (TSOP)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 3.0V to 3.65V)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
3.0
3.65
V
IDD
VDD Supply Current – Active
-
7
15
mA
1
ISB1
Standby Current – TTL
400
µA
2
ISB2
Standby Current – CMOS
7
15
µA
3
ILI
Input Leakage Current
-
10
µA
4
ILO
Output Leakage Current
-
10
µA
4
VIH
Input High Voltage
2.0
VDD + 0.5
V
VIL
Input Low Voltage
-0.5
0.8
V
VOH
Output High Voltage (IOH = -1.0 mA)
2.4
-
V
VOL
Output Low Voltage (IOL = 3.2 mA)
-
0.4
V
Notes
1.
VDD = 3.65V, /CE cycling at minimum cycle time. All inputs at CMOS levels, all outputs unloaded.
2.
VDD = 3.65V, /CE at VIH, All other pins at TTL levels.
3.
VDD = 3.65V, /CE at VDD, All other pins at CMOS levels.
4.
VIN, VOUT between VDD and VSS.


Similar Part No. - FM18L08-70-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM18L08-70-S ETC-FM18L08-70-S Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results

Similar Description - FM18L08-70-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com