Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25L512 Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM25L512
Description  512Kb FRAM Serial 3V Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L512 Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM25L512 Datasheet HTML 4Page - Ramtron International Corporation FM25L512 Datasheet HTML 5Page - Ramtron International Corporation FM25L512 Datasheet HTML 6Page - Ramtron International Corporation FM25L512 Datasheet HTML 7Page - Ramtron International Corporation FM25L512 Datasheet HTML 8Page - Ramtron International Corporation FM25L512 Datasheet HTML 9Page - Ramtron International Corporation FM25L512 Datasheet HTML 10Page - Ramtron International Corporation FM25L512 Datasheet HTML 11Page - Ramtron International Corporation FM25L512 Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM25L512
Rev. 1.2
Aug. 2007
Page 8 of 13
Hold
The /HOLD pin can be used to interrupt a serial
operation without aborting it. If the bus master pulls
the /HOLD pin low while SCK is low, the current
operation will pause. Taking the /HOLD pin high
while SCK is low will resume an operation. The
transitions of /HOLD must occur while SCK is low,
but the SCK and /CS pins can toggle during a hold
state.
Figure 9. Memory Write
Figure 10. Memory Read
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
0
0
1
MSB
16-bit Address
15 14 13 12 11 10
9
3
2
1
0
7
6
5
4
3
2
1
0
LSB
MSB
LSB
CS
SCK
SI
SO
Data
1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
0
0
1
0
MSB
16-bit Address
10
3
2
1
0
7
6
5
4
3
2
1
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
9
6
15 14 13 12 11


Similar Part No. - FM25L512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25L04-G ETC-FM25L04-G Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25L04-S ETC-FM25L04-S Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L04B RAMTRON-FM25L04B Datasheet
208Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25L512

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C512 RAMTRON-FM24C512 Datasheet
230Kb / 12P
   512Kb FRAM Serial Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com