Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FM25L256B-DG Datasheet(HTML) 6 Page - Ramtron International Corporation

Part No. FM25L256B-DG
Description  256Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RAMTRON [Ramtron International Corporation]
Homepage  http://www.ramtron.com
Logo 

FM25L256B-DG Datasheet(HTML) 6 Page - Ramtron International Corporation

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 14 page
background image
FM25L256B
Rev. 3.0
July 2007
Page 6 of 14
CS
SCK
SI
SO
Hi-Z
0
1
2
3
4
5
6
7
0
0
0
0
0
1
0
0
Figure 6. WRDI Bus Configuration
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status Register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25L256B will return one byte with the
contents of the Status Register. The Status Register is
described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive.
Prior to sending the WRSR command, the user must
send a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration
Status Register & Write Protection
The write protection features of the FM25L256B are
multi-tiered. Taking the /WP pin to a logic low state
is the hardware write protect function. All write
operations are blocked when /WP is low. To write the
memory with /WP high, a WREN op-code must first
be issued. Assuming that writes are enabled using
WREN and by /WP, writes to memory are controlled
by the Status Register. As described above, writes to
the status register are performed using the WRSR
command and subject to the /WP pin. The Status
Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0 and cannot be modified.
Note that bit 0 (Ready in EEPROMs) is unnecessary
as the FRAM writes in real-time and is never busy.
The BP1 and BP0 control software write protection
features. They are nonvolatile (shaded yellow). The
WEL flag indicates the state of the Write Enable
Latch. Attempting to directly write the WEL bit in
the status register has no effect on its state. This bit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FM24C256_05256Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25L256256Kb FRAM Serial 3V Memory - Extended Temp 1 2 3 4 5 MoreRamtron International Corporation
FM18L08_07256Kb Bytewide FRAM Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25CL64_0764Kb FRAM Serial 3V Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24C04A_054Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24C16A_0516Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24C64_0564Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24CL6464Kb 2.7V-3.6V FRAM Serial Memory 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FM24C512512Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24CL04_054Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn