Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25C160-GA Datasheet(PDF) 6 Page - Ramtron International Corporation

Part # FM25C160-GA
Description  16Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25C160-GA Datasheet(HTML) 6 Page - Ramtron International Corporation

Back Button FM25C160-GA Datasheet HTML 2Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 3Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 4Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 5Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 6Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 7Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 8Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 9Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FM25C160 - Automotive Temp.
Rev. 3.1
July 2007
Page 6 of 13
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25C160 will return one byte with the
contents of the Status register. The Status register is
described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive. Note
that on the FM25C160, /WP only prevents writing to
the Status register, not the memory array. Prior to
sending the WRSR command, the user must send a
WREN command to enable writes. Note that
executing a WRSR command is a write operation and
therefore clears the Write Enable Latch. The bus
timing for RDSR and WRSR are shown below.
Figure 7. RDSR Bus Timing
Figure 8. WRSR Bus Timing
Status Register & Write Protection
The write protection features of the FM25C160 are
multi-tiered. First, a WREN op-code must be issued
prior to any write operation. Assuming that writes are
enabled using WREN,
writes to
memory are
controlled by the Status register. As described above,
writes to the status register are performed using the
WRSR command and subject to the /WP pin. The
Status register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0 and cannot be modified.
Note that bit 0 (/RDY in EEPROMs) is wired low
since FRAM writes have no delay and the memory is
never busy. All EEPROMs use Ready to indicate
whether a write cycle is complete or not. The WPEN,
BP1 and BP0 control write protection features. They
are nonvolatile (shaded yellow). The WEL flag
indicates the state of the Write Enable Latch. This bit
is internally set by the WREN command and is
cleared by terminating a write cycle (/CS high) or by
using the WRDI command.
BP1 and BP0 are memory block write protection bits.
They specify portions of memory that are write
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
600h to 7FFh (upper ¼)
1
0
400h to 7FFh (upper ½)
1
1
000h to 7FFh (all)


Similar Part No. - FM25C160-GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25C160-S ETC1-FM25C160-S Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results

Similar Description - FM25C160-GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com