Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


FM25C160-GA Datasheet(PDF) 9 Page - Ramtron International Corporation

Part No. FM25C160-GA
Description  16Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RAMTRON [Ramtron International Corporation]
Homepage  http://www.ramtron.com
Logo 

 
 9 page
background image
FM25C160 - Automotive Temp.
Rev. 3.1
July 2007
Page 9 of 13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Charged Device Model (JEDEC Std JESD22-C101-A)
- Machine Model (JEDEC Std JESD22-A115-A)
4kV
1kV
400V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 125° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
4.5
5.0
5.5
V
IDD
VDD Supply Current
@ SCK = 1.0 MHz
@ SCK = 15.0 MHz
-
-
0.5
6.5
mA
mA
1
ISB
Standby Current
@ 85
°C
@ 125
°C
-
-
10
30
µA
µA
2
ILI
Input Leakage Current
±1
µA
3
ILO
Output Leakage Current
±1
µA
3
VIL
Input Low Voltage
-0.3
0.25 VDD
V
VIH
Input High Voltage
0.75 VDD
VDD + 0.3
V
VOL
Output Low Voltage
@ IOL = 2 mA
0.4
V
VOH
Output High Voltage
@ IOH = -2 mA
VDD – 0.8
V
VHYS
Input Hysteresis
0.05 VDD
V
4
Notes
1.
SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCK = SI = /CS=VDD. All inputs VSS or VDD.
3.
VIN or VOUT = VSS to VDD.
4.
This parameter is characterized but not 100% tested. Applies only to /CS and SCK pins.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FM24C16A_0516Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25L16_0616Kb FRAM Serial 3V Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24CL16_0516Kb FRAM Se rial 3V Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25CL64_0764Kb FRAM Serial 3V Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24C04A_054Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24C64_0564Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24CL6464Kb 2.7V-3.6V FRAM Serial Memory 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FM24C256_05256Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24C512512Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24CL04_054Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl