Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3808-70-T Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM3808-70-T
Description  256Kb Bytewide FRAM w/ Real-Time Clock
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3808-70-T Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button FM3808-70-T Datasheet HTML 3Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 4Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 5Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 6Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 7Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 8Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 9Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 10Page - Ramtron International Corporation FM3808-70-T Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
N
O
T
R
EC
O
M
M
EN
D
ED
FO
R
N
EW
D
ES
IG
N
S
La
st
Ti
m
e B
uy
: S
ept
. 200
6
N
o
Di
re
ct
Re
pl
ac
em
en
t
Al
te
rn
at
e
So
lu
tio
n:
FM
18
08
+F
M
40
05
FM3808
Rev. 1.3 (EOL)
Feb. 2006
Page 7 of 27
system power fails, the VDD voltage will drop. When
it crosses the voltage on the VBAK supply pin, the
clock/calendar power will switch to the backup power
supply VBAK. The supervisor function, described
below, controls the switchover process as part of a
more complete power management circuit.
The following functions are powered from the backup
power source when VDD < VBAK (backup mode) :
• Clock/calendar core
• Alarm interrupt/comparator
• INT pin (determined by ABE & AIE bits);
active low only
• Flags connected to related functions
The following functions are not powered and are
disabled when VDD < VLO :
• User interface
• Watchdog timer
• Power monitor & band-gap (V
DD < ≈ 2.0V)
• Flags connected to related functions
• All FRAM access & updates
• Calibration operation
• INT pin if programmed as active-high
32.768 kHz
crystal
Oscillator
Clock
Divider
Update
Logic
32 Hz
512 Hz
W
R
Seconds
7 bits
Minutes
7 bits
Hours
6 bits
Date
6 bits
Months
5 bits
Years
8 bits
CF
Days
3 bits
User Interface Registers
1 Hz
Figure 2. Real-Time Clock Core Block Diagram


Similar Part No. - FM3808-70-T

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3808-70-T RAMTRON-FM3808-70-T Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
More results

Similar Description - FM3808-70-T

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com