Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25256B Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM25256B
Description  256Kb FRAM Serial 5V Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25256B Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM25256B Datasheet HTML 5Page - Ramtron International Corporation FM25256B Datasheet HTML 6Page - Ramtron International Corporation FM25256B Datasheet HTML 7Page - Ramtron International Corporation FM25256B Datasheet HTML 8Page - Ramtron International Corporation FM25256B Datasheet HTML 9Page - Ramtron International Corporation FM25256B Datasheet HTML 10Page - Ramtron International Corporation FM25256B Datasheet HTML 11Page - Ramtron International Corporation FM25256B Datasheet HTML 12Page - Ramtron International Corporation FM25256B Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FM25256B
Rev. 3.0
July 2007
Page 11 of 13
Serial Data Bus Timing
/HOLD Timing
CS
SCK
SO
HOLD
tHS
tHH
tHZ
tLZ
tHS
tHH
Power Cycle Timing
VDD min
tPU
VDD
CS
tVR
tPD
tVF
Data Retention (VDD = 4.0V to 5.5V)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years


Similar Part No. - FM25256B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
FM25256-G ETC-FM25256-G Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
FM25256-S ETC-FM25256-S Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results

Similar Description - FM25256B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com