Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


FM25256B-G Datasheet(PDF) 11 Page - Ramtron International Corporation

Part No. FM25256B-G
Description  256Kb FRAM Serial 5V Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RAMTRON [Ramtron International Corporation]
Homepage  http://www.ramtron.com
Logo 

 
 11 page
background image
FM25256B
Rev. 3.0
July 2007
Page 11 of 13
Serial Data Bus Timing
/HOLD Timing
CS
SCK
SO
HOLD
tHS
tHH
tHZ
tLZ
tHS
tHH
Power Cycle Timing
VDD min
tPU
VDD
CS
tVR
tPD
tVF
Data Retention (VDD = 4.0V to 5.5V)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FM24C256_05256Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25L256256Kb FRAM Serial 3V Memory - Extended Temp 1 2 3 4 5 MoreRamtron International Corporation
FM25L256B256Kb FRAM Serial 3V Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25L512512Kb FRAM Serial 3V Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25L16_0616Kb FRAM Serial 3V Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25CL04_054Kb FRAM Serial 3V Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25C16016Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM24CL64_0764Kb Serial 3V FRAM Memory 1 2 3 4 5 MoreRamtron International Corporation
FM25040A4Kb FRAM Serial Memory 1 2 3 4 5 MoreRamtron International Corporation
FM18L08_07256Kb Bytewide FRAM Memory 1 2 3 4 5 MoreRamtron International Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl