Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


74VHC08M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74VHC08M
Description  Quad 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC08 Rev. 1.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(2)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
2. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
–0.5V to VCC + 0.5V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC / GND Current
±50mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
2.0V to +5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
0V to VCC
TOPR
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time,
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
0ns/V
∼ 100ns/V
0ns/V
∼ 20ns/V




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL74LV08Quad 2-Input AND Gate 1 2 3 4 System Logic Semiconductor
KK74VHC08Quad 2-Input AND Gate 1 2 3 4 5 MoreKODENSHI KOREA CORP.
TC74HC08APQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreToshiba Semiconductor
KK74HC08AQuad 2-Input AND Gate 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT08AQuad 2-Input AND Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
MC74LCX08_05Low-Voltage CMOS Quad 2-Input AND Gate With 5 V−Tolerant Inputs 1 2 3 4 5 MoreON Semiconductor
MC10104_02Quad 2-Input AND Gate 1 2 3 4 5 MoreON Semiconductor
KK74VHCT08Quad 2-Input AND Gate 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4081BQuad 2-Input AND Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
74ALVC32_05Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl