Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC132MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC132MTC
Description  Quad 2-Input NAND Schmitt Trigger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC132MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC132MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC132MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC132MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC132MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC132MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC132MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC132MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC132MTC Datasheet HTML 8Page - Fairchild Semiconductor 74VHC132MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
May 2007
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC132 Rev. 1.4
74VHC132
Quad 2-Input NAND Schmitt Trigger
Features
High Speed: tPD = 3.9ns (Typ.) at VCC = 5V
Power down protection is provided on all inputs
Low power dissipation: ICC = 2µA (Max.) at TA = 25°C
Low noise: VOLP = 0.8V (Max.)
Pin and function compatible with 74HC132
General Description
The VHC132 is an advanced high speed CMOS 2-input
NAND Schmitt Trigger Gate fabricated with silicon gate
CMOS technology. It achieves the high-speed operation
similar to Bipolar Schottky TTL while maintaining the
CMOS low power dissipation. Pin configuration and
function are the same as the VHC00 but the inputs have
hysteresis between the positive-going and negative-
going input thresholds, which are capable of transform-
ing slowly changing input signals into sharply defined,
jitter-free output signals. Thus greater noise margin then
conventional gates is provided. An input protection
circuit ensures that 0V to 7V can be applied to the input
pins without regard to the supply voltage. This device
can be used to interface 5V to 3V systems and two
supply systems such as battery backup. This circuit
prevents device destruction due to mismatched supply
and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number. Pb-Free package per JEDEC J-STD-020B.
Note:
1. Device available in Tape and Reel only.
Order Number
Package
Number
Package Description
74VHC132M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC132MX_NL(1)
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC132SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC132MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC132MTCX_NL(1)
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


Similar Part No. - 74VHC132MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC132MTC FAIRCHILD-74VHC132MTC Datasheet
77Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
74VHC132MTC FAIRCHILD-74VHC132MTC Datasheet
101Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74VHC132MTC ONSEMI-74VHC132MTC Datasheet
342Kb / 10P
   Quad 2-Input NAND Schmitt Trigger
December 2007 Rev. 1.5.0
logo
Fairchild Semiconductor
74VHC132MTCX FAIRCHILD-74VHC132MTCX Datasheet
101Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
74VHC132MTCX_NL FAIRCHILD-74VHC132MTCX_NL Datasheet
101Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - 74VHC132MTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com