Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





74VHC157M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VHC157M
Description  Quad 2-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 4 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC157 Rev. 1.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
–0.5V to VCC + 0.5V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC / GND Current
±50mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
2.0V to +5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
0V to VCC
TOPR
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time,
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
0ns/V
∼ 100ns/V
0ns/V
∼ 20ns/V




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACT158_05Quad 2-Input Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
MC74AC157Quad 2-Input Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC10159_02Quad 2-Input Multiplexer Inverting 1 2 3 4 ON Semiconductor
74LVQ157_01Low Voltage Quad 2-Input Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
CD74AC257Quad 2-Input Multiplexer with Three-State Outputs Coming SoonTI store
74ACT258_07Quad 2-Input Multiplexer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC10158_02Quad 2-Input Multiplexer Non-Inverting 1 2 3 4 ON Semiconductor
MC10H173QUAD 2-INPUT MULTIPLEXER / LATCH 1 2 3 4 Motorola, Inc
MC74LCX157_05Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX158Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs Inverting 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl