Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF620SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF620SPBF
Description  HEXFET POWER MOSFET (VDSS=200V , RDS(on)=0.80廓 , ID=5.2A )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF620SPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF620SPBF Datasheet HTML 1Page - International Rectifier IRF620SPBF Datasheet HTML 2Page - International Rectifier IRF620SPBF Datasheet HTML 3Page - International Rectifier IRF620SPBF Datasheet HTML 4Page - International Rectifier IRF620SPBF Datasheet HTML 5Page - International Rectifier IRF620SPBF Datasheet HTML 6Page - International Rectifier IRF620SPBF Datasheet HTML 7Page - International Rectifier IRF620SPBF Datasheet HTML 8Page - International Rectifier IRF620SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF620SPbF
2
www.irf.com


Similar Part No. - IRF620SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF620SPBF VISHAY-IRF620SPBF Datasheet
217Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF620SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL620S IRF-IRL620S Datasheet
502Kb / 9P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF9610PBF IRF-IRF9610PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS=-200V , RDS(on)=3.0廓 , ID=-1.8A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com