Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC40103M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC40103M
Description  High-Speed CMOS Logic 8-Stage Synchronous Down Counters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40103M Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC40103M Datasheet HTML 1Page - Texas Instruments CD74HC40103M Datasheet HTML 2Page - Texas Instruments CD74HC40103M Datasheet HTML 3Page - Texas Instruments CD74HC40103M Datasheet HTML 4Page - Texas Instruments CD74HC40103M Datasheet HTML 5Page - Texas Instruments CD74HC40103M Datasheet HTML 6Page - Texas Instruments CD74HC40103M Datasheet HTML 7Page - Texas Instruments CD74HC40103M Datasheet HTML 8Page - Texas Instruments CD74HC40103M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
MR Pulse Width
tW
2
125
-
-
135
-
190
-
ns
4.5
25
-
-
31
-
38
-
ns
6
21-
-26-32
-
ns
CP Max. Frequency
(Note 3)
fCP(MAX)
2
3
-
-
2-2-
MHz
4.5
15
-
-
12
-
10
-
MHz
6
18
-
-
14
-
12
-
MHz
P to CP Set-up Time
tSU
2
100
-
-
125
-
150
-
ns
4.5
20
-
-
25
-
30
-
ns
6
17-
-21-26
-
ns
PE to CP Set-up Time
tSU
2
75-
-95-
110
-
ns
4.5
15
-
-
19
-
22
-
ns
6
13-
-16-19
-
ns
TE to CP Set-up Time
tSU
2
150
-
-
190
-
225
-
ns
4.5
30
-
-
38
-
45
-
ns
6
26-
-33-38
-
ns
P to CP Hold Time
tH
2
5
-
-
5-5-
ns
4.5
5-
-5-5-
ns
6
5
-
-
5-5-
ns
TE to CP Hold Time
tH
2
0
-
-
0-0-
ns
4.5
0-
-0-0-
ns
6
0
-
-
0-0-
ns
MR to CP Removal Time
tREM
2
50-
-65-75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
PE to CP Hold Time
tH
2
2
-
-
2-2-
ns
4.5
2-
-2-2-
ns
6
2
-
-
2-2-
ns
HCT TYPES
CP Pulse Width
tW
4.5
35
-
-
44
-
53
-
ns
PL Pulse Width
tW
4.5
43
-
-
54
-
65
-
ns
MR Pulse Width
tW
4.5
35
-
-
44
-
53
-
ns
CP Max. Frequency
(Note 3)
fCP(MAX)
4.5
14
-
-
11
-
9
-
MHz
P to CP Set-up Time
tSU
4.5
24
-
-
30
-
36
-
ns
PE to CP Set-up Time
tSU
4.5
20
-
-
25
-
30
-
ns
TE to CP Set-up Time
tSU
4.5
40
-
-
50
-
60
-
ns
P to CP Hold Time
tH
4.5
5-
-5-5-
ns
TE to CP Hold Time
tH
4.5
0-
-0-0-
ns
MR to CP Removal Time
tREM
4.5
10
-
-
13
-
15
-
ns
PE to CP Hold Time
tH
4.5
2
-
-
2
-
2
-
ns
Prerequisite for Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC40103, CD74HC40103, CD74HCT40103


Similar Part No. - CD74HC40103M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC40103M TI-CD74HC40103M Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103M TI-CD74HC40103M Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103M TI-CD74HC40103M Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103M TI-CD74HC40103M Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103M96 TI-CD74HC40103M96 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
More results

Similar Description - CD74HC40103M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS 8-stage Presettable Synchronous Down Counters
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
   8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com