Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6215LPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6215LPBF
Description  HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29廓 , ID=-13A )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6215LPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF6215LPBF Datasheet HTML 2Page - International Rectifier IRF6215LPBF Datasheet HTML 3Page - International Rectifier IRF6215LPBF Datasheet HTML 4Page - International Rectifier IRF6215LPBF Datasheet HTML 5Page - International Rectifier IRF6215LPBF Datasheet HTML 6Page - International Rectifier IRF6215LPBF Datasheet HTML 7Page - International Rectifier IRF6215LPBF Datasheet HTML 8Page - International Rectifier IRF6215LPBF Datasheet HTML 9Page - International Rectifier IRF6215LPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRF6215S/LPbF
6
www.irf.com


Similar Part No. - IRF6215LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6215L IRF-IRF6215L Datasheet
178Kb / 10P
   HEXFET Power MOSFET
IRF6215L IRF-IRF6215L Datasheet
193Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF6215LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
IRFR13N20DPBF IRF-IRFR13N20DPBF Datasheet
688Kb / 11P
   SMPS MOSFET ( VDSS=200V , RDS(on)max=0.235廓 , ID=13A )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com