Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ48RSPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFZ48RSPBF
Description  HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48RSPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFZ48RSPBF Datasheet HTML 2Page - International Rectifier IRFZ48RSPBF Datasheet HTML 3Page - International Rectifier IRFZ48RSPBF Datasheet HTML 4Page - International Rectifier IRFZ48RSPBF Datasheet HTML 5Page - International Rectifier IRFZ48RSPBF Datasheet HTML 6Page - International Rectifier IRFZ48RSPBF Datasheet HTML 7Page - International Rectifier IRFZ48RSPBF Datasheet HTML 8Page - International Rectifier IRFZ48RSPBF Datasheet HTML 9Page - International Rectifier IRFZ48RSPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFZ48RS/LPbF
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.08/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


Similar Part No. - IRFZ48RSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFZ48RSPBF VISHAY-IRFZ48RSPBF Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RSPBF VISHAY-IRFZ48RSPBF Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Similar Description - IRFZ48RSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ48PBF IRF-IRFZ48PBF Datasheet
3Mb / 7P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRF9Z14PBF IRF-IRF9Z14PBF Datasheet
257Kb / 8P
   HEXFET Power MOSFET ( VDSS = -60V , RDS(on) = 0.50廓 , ID = -6.7A )
IRFR9024PBF IRF-IRFR9024PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -60V , RDS(on) = 0.28廓 , ID = -8.8A )
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com