Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1541 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1541
Description  Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1541 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1541 Datasheet HTML 5Page - Maxim Integrated Products MAX1541 Datasheet HTML 6Page - Maxim Integrated Products MAX1541 Datasheet HTML 7Page - Maxim Integrated Products MAX1541 Datasheet HTML 8Page - Maxim Integrated Products MAX1541 Datasheet HTML 9Page - Maxim Integrated Products MAX1541 Datasheet HTML 10Page - Maxim Integrated Products MAX1541 Datasheet HTML 11Page - Maxim Integrated Products MAX1541 Datasheet HTML 12Page - Maxim Integrated Products MAX1541 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Dual Step-Down Controllers with Saturation
Protection, Dynamic Output, and Linear Regulator
_______________________________________________________________________________________
9
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, VCC = VDD = ON1 = ON2 = 5V, SKIP = GND, LDOIN (MAX1541) = V+, TA = -40°C to +85°C, unless otherwise noted.)
(Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
0 < ILDOOUT < 10mA
4.85
5.10
MAX1541 LDO Output-Voltage
Accuracy (Fixed VLDOOUT)
VLDOOUT
FBLDO = ON1 =
ON2 = GND,
VLDOIN = 6V to 28V
0 < ILDOOUT < 100mA
4.65
5.10
V
0 < ILDOOUT < 10mA
1.212
1.275
MAX1541 LDO Feedback
Accuracy (Adjustable VLDOOUT)
VFBLDO
FBLDO = LDOOUT,
ON1 = ON2 = GND,
VLDOIN = 4.5V to
28V
0 < ILDOOUT < 100mA
1.175
1.275
V
MAX1540A: V+ - VLDOOUT, ILDOOUT = 50mA
800
Dropout Voltage
MAX1541: VLDOIN - VLDOOUT,
ILDOOUT = 50mA
800
mV
REFERENCE (REF)
Reference Voltage
VREF
VCC = 4.5V to 5.5V, IREF = 0
1.98
2.02
V
REFIN1 Input Bias Current
IREFIN1
0.05
µA
FAULT DETECTION
Overvoltage Trip Threshold
With respect to error-comparator threshold,
OVP/UVP = VCC
10
21
%
Output Undervoltage-Protection
Trip Threshold
With respect to error-comparator threshold,
OVP/UVP = VCC
64
76
%
PGOOD_ Lower Trip Threshold
With respect to error-comparator threshold,
hysteresis = 1%
-14
-5
%
PGOOD_ Upper Trip Threshold
With respect to error-comparator threshold,
hysteresis = 1%
+5
+14
%
PGOOD_ Output Low Voltage
ISINK = 4mA
0.3
V
VCC Undervoltage-Lockout
Threshold
VUVLO(VCC)
Rising edge, PWM disabled below this
level, hysteresis = 20mV
4.1
4.4
V
CURRENT LIMIT
CSP_
0
2.7
Current-Limit Input Range
CSN_
-0.3
+28.0
V
Valley Current-Limit Threshold
(Fixed)
VLIM_ (VAL) VCSP_ - VCSN_, ILIM_ = VCC
40
60
mV
Valley Current-Limit Threshold
(Adjustable)
VLIM_ (VAL) VCSP_ - VCSN_, VILIM_ = 2.00V
160
240
mV
INPUTS AND OUTPUTS
Logic Input Threshold
ON1, ON2,
SKIP, GATE, rising edge,
hysteresis = 225mV
1.2
2.2
V
LDOON Input Trip Level
Rising edge, hysteresis = 250mV
1.2
1.3
V
High
1.9
2.1
Dual Mode Threshold Voltage
FB1 (MAX1540A),
FB2 (MAX1540A/MAX1541)
Low
0.05
0.15
V


Similar Part No. - MAX1541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1541 MAXIM-MAX1541 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1541ETL MAXIM-MAX1541ETL Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1541ETL MAXIM-MAX1541ETL Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results

Similar Description - MAX1541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Advanced Analogic Techn...
AAT2505 ANALOGICTECH-AAT2505 Datasheet
843Kb / 26P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com