Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3LB133CZ Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB133CZ
Description  PowerPC 405EP Embedded Processor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB133CZ Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB133CZ Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP-3LB133CZ Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP-3LB133CZ Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP-3LB133CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405EP-3LB133CZ Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405EP-3LB133CZ Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405EP-3LB133CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405EP-3LB133CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405EP-3LB133CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
10
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Serial Interface
One 8-pin UART and one 2-pin (Tx and Rx only) UART interface provided
Internal serial clock to allows a wide range of baud rates
Register compatibility with NS16750 register set
Complete status reporting capability
Transmitter and receiver are each buffered with 16-byte FIFOs when in FIFO mode
Fully programmable serial-interface characteristics
Supports DMA using internal DMA engine
IIC Bus Interface
Compliant with Phillips® Semiconductors I2C Specification, dated 1995
Operation at 100kHz or 400kHz
•8-bit data
10- or 7-bit address
Slave transmitter and receiver
Master transmitter and receiver
Multiple bus masters
Supports fixed VDD IIC interface
Two independent 4 x 1 byte data buffers
Twelve memory-mapped, fully programmable configuration registers
One programmable interrupt request signal
Provides full management of all IIC bus protocol
Programmable error recovery
General Purpose IO (GPIO) Controller
Controller functions and GPIO registers are programmed and accessed via memory-mapped OPB bus
master accesses
All GPIOs are pin-shared with other functions. DCRs control whether a particular pin that has GPIO capabil-
ities acts as a GPIO or is used for another purpose.
Each GPIO output is separately programmable to emulate an open-drain driver (i.e., drives to zero, three-
stated if output bit is 1)
Universal Interrupt Controller (UIC)
The Universal Interrupt Controller (UIC) provides the control, status, and communications necessary between the
various sources of interrupts and the local PowerPC processor.
Features include:
Supports seven external and 19 internal interrupts
Edge-triggered or level-sensitive
Positive or negative active
Non-critical or critical interrupt to processor core
Programmable critical interrupt priority ordering
Programmable critical interrupt vector for faster vector processing


Similar Part No. - PPC405EP-3LB133CZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405EX-NPAFFFTX AMCC-PPC405EX-NPAFFFTX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Applied Micro Circuits ...
PPC405EX-SPAFFFTX AMCC-PPC405EX-SPAFFFTX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
PPC405EZ-CSAFFFTX AMCC-PPC405EZ-CSAFFFTX Datasheet
808Kb / 54P
   PowerPC 405EZ Embedded Processor
More results

Similar Description - PPC405EP-3LB133CZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405CR AMCC-PPC405CR Datasheet
815Kb / 42P
   PowerPC 405CR Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
   PowerPC 440EPx Embedded Processor
405EX AMCC-405EX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
440SP AMCC-440SP Datasheet
1Mb / 85P
   PowerPC 440SP Embedded Processor
405EZ AMCC-405EZ Datasheet
808Kb / 54P
   PowerPC 405EZ Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
   PowerPC 440GRx Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com