Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3GB200CZ Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3GB200CZ
Description  PowerPC 405EP Embedded Processor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3GB200CZ Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3GB200CZ Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405EP-3GB200CZ Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP-3GB200CZ Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP-3GB200CZ Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP-3GB200CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405EP-3GB200CZ Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405EP-3GB200CZ Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405EP-3GB200CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405EP-3GB200CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
9
Data Sheet
SDRAM Memory Controller
The PPC405EP Memory Controller core provides a low latency access path to SDRAM memory. A variety of
system memory configurations are supported. The memory controller supports up to two physical banks. Up to
256MB per bank are supported, up to a maximum of 512MB. Memory timings, address and bank sizes, and
memory addressing modes are programmable.
Features include:
11x8 to 13x11 addressing for SDRAM (2 banks)
32-bit memory interface support
Programmable address compare for each bank of memory
Industry standard 168-pin DIMMS are supported (some configurations)
Up to 133MHz memory supported by the 266MHz processor
Up to 111MHz memory supported by the 333MHz processor
4MB to 256MB per bank
Programmable address mapping and timing
Auto refresh
Page mode accesses with up to 4 open pages
Power management (self-refresh)
External Peripheral Bus Controller (EBC)
Supports five banks of ROM, EPROM, SRAM, Flash memory, or slave peripherals
Up to 66MHz operation
Burst and non-burst devices
8- and 16-bit byte-addressable data bus width support
Latch data on Ready, synchronous or asynchronous
Programmable 2K clock time-out counter with disable for Ready
Programmable access timing per device
- 0–255 wait states for non-bursting devices
- 0–31 burst wait states for first access and up to 7 wait states for subsequent accesses
- Programmable CSon, CSoff relative to address
- Programmable OEon, WEon, WEoff (0 to 3 clock cycles) relative to CS
Programmable address mapping
Peripheral Device pacing with external “Ready”
DMA Controller
Supports memory-to-memory transfers
Four channels
Scatter/gather capability for programming multiple DMA operations
32-bit addressing
Address increment or decrement
Internal 32-byte data buffering capability


Similar Part No. - PPC405EP-3GB200CZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405EX-NPAFFFTX AMCC-PPC405EX-NPAFFFTX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Applied Micro Circuits ...
PPC405EX-SPAFFFTX AMCC-PPC405EX-SPAFFFTX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
PPC405EZ-CSAFFFTX AMCC-PPC405EZ-CSAFFFTX Datasheet
808Kb / 54P
   PowerPC 405EZ Embedded Processor
More results

Similar Description - PPC405EP-3GB200CZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405CR AMCC-PPC405CR Datasheet
815Kb / 42P
   PowerPC 405CR Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
   PowerPC 440EPx Embedded Processor
405EX AMCC-405EX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
440SP AMCC-440SP Datasheet
1Mb / 85P
   PowerPC 440SP Embedded Processor
405EZ AMCC-405EZ Datasheet
808Kb / 54P
   PowerPC 405EZ Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
   PowerPC 440GRx Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com