Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3GB333C Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3GB333C
Description  PowerPC 405EP Embedded Processor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3GB333C Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  PPC405EP-3GB333C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405EP-3GB333C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405EP-3GB333C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405EP-3GB333C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405EP-3GB333C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405EP-3GB333C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP-3GB333C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP-3GB333C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP-3GB333C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
5
Data Sheet
Figure 1. PPC405EP Embedded Controller Functional Block Diagram
The PPC405EP is designed using the IBM Microelectronics Blue LogicTM methodology in which major functional
blocks are integrated together to create an application-specific ASIC product. This approach provides a consistent
way to create complex ASICs using IBM CoreConnectTM Bus Architecture.
PPC405
Processor Core
DOCM
IOCM
DCU
ICU
OCM
Control
OCM
SRAM
DCR Bus
16KB
On-chip Peripheral Bus (OPB)
GPIO
IIC
GPT
UART
MAL
Ethernet
DMA
Bridge
Processor Local Bus (PLB)
SDRAM
PCI Bridge
External
Bus
Controller
Controller
Clock
Control
Reset
Power
Mgmt
JTAG
Trace
Timers
MMU
MII
Controller
OPB
Interrupt
Controller
Arb
29-bit addr
16-bit data
13-bit addr
32-bit data
Universal
I-Cache
D-Cache
(4-Channel)
66 MHz max (async)
DCRs
16KB
Arb
x2
x2
Event
Counters


Similar Part No. - PPC405EP-3GB333C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405EX-NPAFFFTX AMCC-PPC405EX-NPAFFFTX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Applied Micro Circuits ...
PPC405EX-SPAFFFTX AMCC-PPC405EX-SPAFFFTX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
PPC405EZ-CSAFFFTX AMCC-PPC405EZ-CSAFFFTX Datasheet
808Kb / 54P
   PowerPC 405EZ Embedded Processor
More results

Similar Description - PPC405EP-3GB333C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405CR AMCC-PPC405CR Datasheet
815Kb / 42P
   PowerPC 405CR Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
   PowerPC 440EPx Embedded Processor
405EX AMCC-405EX Datasheet
989Kb / 67P
   PowerPC 405EX Embedded Processor
440SP AMCC-440SP Datasheet
1Mb / 85P
   PowerPC 440SP Embedded Processor
405EZ AMCC-405EZ Datasheet
808Kb / 54P
   PowerPC 405EZ Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
   PowerPC 440SPe Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
   PowerPC 440GRx Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com