Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN315 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # AN315
Description  ROBUST ELECTRICAL SURGE IMMUNITY FOR POE PDS THROUGH INTEGRATED PROTECTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN315 Datasheet(HTML) 4 Page - Silicon Laboratories

  AN315 Datasheet HTML 1Page - Silicon Laboratories AN315 Datasheet HTML 2Page - Silicon Laboratories AN315 Datasheet HTML 3Page - Silicon Laboratories AN315 Datasheet HTML 4Page - Silicon Laboratories AN315 Datasheet HTML 5Page - Silicon Laboratories AN315 Datasheet HTML 6Page - Silicon Laboratories AN315 Datasheet HTML 7Page - Silicon Laboratories AN315 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN315
4
Rev. 0.2
The test board survived up to 3500 V. This board was designed for 2500 V isolation. Testing at higher voltage
would require a board design that is capable of withstanding higher voltage or that the Hypot source be removed,
assuming that the cable maintains its charge prior to being plugged in.
This puts the performance of the Si3400 well into the "excellent" CDE category.
4.5. Hot Insertion
Due to the detection process in IEEE STD™ 802.3-2005, which prescribes the use of low voltages and a 5 mA
current limit, hot insertion is not a common problem. However, it is common to have an auxiliary supply as shown
below:
Figure 3. Auxiliary Supply
If the auxiliary supply has a large output capacitor, hot insertion damage may result. This arises from the typical PD
0.1 µF input capacitor being quickly charged, with voltage overshoot resulting from the lead inductance to the
auxiliary power source. While this overshoot will be clamped by the Si3400's protector, for low values of lead
inductance, the peak current can exceed 10 A. A surge limiting resistor will reduce the overshoot and peak current.
A 3
Ω resistor has been found to be an effective value for the surge-limiting resistor in typical applications. Since
this resistor does carry up to the maximum 350 mA of dc PD input current, a 0.5 W resistor is recommended.
Si3400
Si3401
CT1
CT2
SP1
SP2
Vposf
Vneg
Aux Power
48VDC
+
_
Ethernet
Transformer
and RJ45
Diode
>100 V, 1 A
Surge
limiting
resistor


Similar Part No. - AN315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN315 ETC2-AN315 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Freescale Semiconductor...
AN3150 FREESCALE-AN3150 Datasheet
183Kb / 4P
   Soldering Recommendations for Pressure Sensor Devices
logo
STMicroelectronics
AN3150 STMICROELECTRONICS-AN3150 Datasheet
866Kb / 25P
   Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
AN3151 STMICROELECTRONICS-AN3151 Datasheet
952Kb / 34P
   Digital constant-current controller
AN3152 STMICROELECTRONICS-AN3152 Datasheet
421Kb / 17P
   The right technology for solar converters
More results

Similar Description - AN315

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
MP1005 ZFSWITCHES-MP1005 Datasheet
249Kb / 2P
   Solid state magnetic proximity sensor with electrical immunity protection
logo
Panasonic Semiconductor
JQ1P-B-24V PANASONIC-JQ1P-B-24V Datasheet
109Kb / 7P
   High electrical noise immunity
logo
Maxim Integrated Produc...
MAX22088EVKIT MAXIM-MAX22088EVKIT Datasheet
964Kb / 12P
   Robust Design with -1kV Line-to-Line and Line-to- GND Surge Transient Immunity
Rev 1; 4/20
logo
Shanghai Leiditech Elec...
T1000POE LEIDITECH-T1000POE Datasheet
976Kb / 1P
   Surge Protective Devices For 1000M POE
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.255.T3.M PF-M-LB-2.255.T3.M Datasheet
513Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.30.T3.M PF-M-LB-2.30.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com