Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61041DBVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61041DBVRG4
Description  LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61041DBVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61041DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 13Page - Texas Instruments TPS61041DBVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
INDUCTOR SELECTION, MAXIMUM LOAD CURRENT
fSmax +
V
IN(min)
(V
OUT *
V
IN)
I
P
L
V
OUT
(2)
fS I
load +
2
I
load
(V
OUT *
V
IN )
Vd)
I 2
P
L
(3)
I
load max +
h
I 2
P
L
fSmax
2
(V
OUT *
V
IN)
(4)
TPS61040
TPS61041
SLVS413C – OCTOBER 2002 – REVISED AUGUST 2007
Because the PFM peak current control scheme is inherently stable, the inductor value does not affect the stability
of the regulator. The selection of the inductor together with the nominal load current, input and output voltage of
the application determines the switching frequency of the converter. Depending on the application, inductor
values between 2.2
μH and 47 μH are recommended. The maximum inductor value is determined by the
maximum on time of the switch, typically 6
μs. The peak current limit of 400 mA/250 mA (typically) should be
reached within this 6-
μs period for proper operation.
The inductor value determines the maximum switching frequency of the converter. Therefore, select the inductor
value that ensures the maximum switching frequency at the converter maximum load current is not exceeded.
The maximum switching frequency is calculated by the following formula:
Where:
IP = Peak current as described in the Peak Current Control section
L = Selected inductor value
VIN(min) = The highest switching frequency occurs at the minimum input voltage
If the selected inductor value does not exceed the maximum switching frequency of the converter, the next step
is to calculate the switching frequency at the nominal load current using the following formula:
Where:
IP = Peak current as described in the Peak Current Control section
L = Selected inductor value
Iload = Nominal load current
Vd = Rectifier diode forward voltage (typically 0.3V)
A smaller inductor value gives a higher converter switching frequency, but lowers the efficiency.
The inductor value has less effect on the maximum available load current and is only of secondary order. The
best way to calculate the maximum available load current under certain operating conditions is to estimate the
expected converter efficiency at the maximum load current. This number can be taken out of the efficiency
graphs shown in Figure 1 through Figure 4. The maximum load current can then be estimated as follows:
Where:
IP = Peak current as described in the Peak Current Control section
L = Selected inductor value
fSmax = Maximum switching frequency as calculated previously
η = Expected converter efficiency. Typically 70% to 85%
10
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS61040 TPS61041


Similar Part No. - TPS61041DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61041DBVRG4 TI-TPS61041DBVRG4 Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
More results

Similar Description - TPS61041DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com