Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61041DRVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61041DRVT
Description  LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61041DRVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61041DRVT Datasheet HTML 2Page - Texas Instruments TPS61041DRVT Datasheet HTML 3Page - Texas Instruments TPS61041DRVT Datasheet HTML 4Page - Texas Instruments TPS61041DRVT Datasheet HTML 5Page - Texas Instruments TPS61041DRVT Datasheet HTML 6Page - Texas Instruments TPS61041DRVT Datasheet HTML 7Page - Texas Instruments TPS61041DRVT Datasheet HTML 8Page - Texas Instruments TPS61041DRVT Datasheet HTML 9Page - Texas Instruments TPS61041DRVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
70
72
74
76
78
80
82
84
86
88
90
0.10
1
10
100
VI = 5 V
VI = 3.6 V
VI = 2.4 V
IO - Output Current - mA
VO = 18 V
70
72
74
76
78
80
82
84
86
88
90
0.10
1
10
100
TPS61040
TPS61041
IL - Load Current - mA
L = 10
µH
VO = 18 V
TPS61040
TPS61041
SLVS413C – OCTOBER 2002 – REVISED AUGUST 2007
Table 2. Table of Graphs
FIGURE
vs Load current
1, 2, 3
η
Efficiency
vs Input voltage
4
IQ
Quiescent current
vs Input voltage and temperature
5
VFB
Feedback voltage
vs Temperature
6
ISW
Switch current limit
vs Temperature
7
vs Supply voltage, TPS61041
8
ICL
Switch current limit
vs Supply voltage, TPS61040
9
vs Temperature
10
RDS(on)
RDS(on)
vs Supply voltage
11
Line transient response
12
Load transient response
13
Start-up behavior
14
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
6
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS61040 TPS61041


Similar Part No. - TPS61041DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61041DRVT TI-TPS61041DRVT Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61041DRVTG4 TI-TPS61041DRVTG4 Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
More results

Similar Description - TPS61041DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com