Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75451BPE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75451BPE4
Description  DUAL PERIPHERAL DRIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75451BPE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75451BPE4 Datasheet HTML 1Page - Texas Instruments SN75451BPE4 Datasheet HTML 2Page - Texas Instruments SN75451BPE4 Datasheet HTML 3Page - Texas Instruments SN75451BPE4 Datasheet HTML 4Page - Texas Instruments SN75451BPE4 Datasheet HTML 5Page - Texas Instruments SN75451BPE4 Datasheet HTML 6Page - Texas Instruments SN75451BPE4 Datasheet HTML 7Page - Texas Instruments SN75451BPE4 Datasheet HTML 8Page - Texas Instruments SN75451BPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
DUAL PERIPHERAL DRIVERS
SLRS021B – DECEMBER 1976 – REVISED SEPTEMBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
&
5
3
2B
2A
1B
1A
2Y
1Y
7
6
2
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC publication 617-12.
Pin numbers shown are for the D, JG, and P packages.
logic diagram (positive logic)
2B
2A
1B
1A
4
5
3
GND
2Y
1Y
7
6
2
1
FUNCTION TABLE
(each driver)
A
B
Y
L
L
H (off state)
L
H
H (off state)
H
L
H (off state)
H
H
L (on state)
positive logic:
Y = AB or A+B
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS‡
SN55452B
SN75452B
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP§
MAX
MIN
TYP§
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = – 12 mA
– 1.2
– 1.5
– 1.2
– 1.5
V
VCC = MIN,
VIH = MIN,
025
05
025
04
VOL
Low level output voltage
CC
,
IOL = 100 mA
IH
,
0.25
0.5
0.25
0.4
V
VOL
Low-level output voltage
VCC = MIN,
VIH = MIN,
05
08
05
07
V
CC
,
IOL = 300 mA
IH
,
0.5
0.8
0.5
0.7
IOH
High level output current
VCC = MIN,
VIL = 0.8 V,
300
100
µA
IOH
High-level output current
CC
,
VOH = 30 V
IL
,
300
100
µA
II
Input current at maximum input voltage
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
High-level input current
VCC = MAX,
VI = 2.4 V
40
40
µA
IIL
Low-level input current
VCC = MAX,
VI = 0.4 V
– 1.1
– 1.6
– 1.1
– 1.6
mA
ICCH
Supply current, outputs high
VCC = MAX,
VI = 0
11
14
11
14
mA
ICCL
Supply current, outputs low
VCC = MAX,
VI = 5 V
56
71
56
71
mA
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
26
35
tPHL
Propagation delay time, high-to-low-level output
IO ≈ 200 mA, CL = 15 pF,
24
35
ns
tTLH
Transition time, low-to-high-level output
O
RL = 50 Ω,
L
See Figure 1
5
8
ns
tTHL
Transition time, high-to-low-level output
7
12
VOH
High level output voltage after switching
SN55452B
VS = 20 V,
IO ≈ 300 mA,
VS – 6.5
mV
VOH
High-level output voltage after switching
SN75452B
S
,
See Figure 2
O
,
VS – 6.5
mV
VCC
A
GND
Y
500
1 k
B
4 k
1.6 k
130
schematic (each driver)
Resistor values shown are nominal.
1 k
1.6 k


Similar Part No. - SN75451BPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75451BPE4 TI-SN75451BPE4 Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75451BPE4 TI1-SN75451BPE4 Datasheet
1Mb / 30P
[Old version datasheet]   SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75451BPE4 TI1-SN75451BPE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
More results

Similar Description - SN75451BPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DS55451 NSC-DS55451 Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com