Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405GP-3DE133CZ Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3DE133CZ
Description  Power PC 405GP Embedded Processor
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3DE133CZ Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  PPC405GP-3DE133CZ Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
5
Revision 2.03 – September 7, 2007
Data Sheet
Order Part Number Key
Part Number
PPC405GP-3BE266Cx
Package
Processor Speed
Grade 3 Reliability
Operational Case Temperature
Revision Level
Shipping Package
Blank = Tray
Z
= Tape and reel
(-40°C to +85°C)
Range
200MHz
266MHz
B: 35mm, 456 E-PBGA
D: 27mm, 456 E-PBGA
E: 25mm, 413 E-PBGA
133MHz
F: 35mm, 456 E-PBGA lead-free
K: 27mm, 456 E-PBGA lead-free


Similar Part No. - PPC405GP-3DE133CZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405GPR-3BB266 AMCC-PPC405GPR-3BB266 Datasheet
1Mb / 57P
   Power PC 405GPr Embedded Processor
PPC405GPR-3BB266Z AMCC-PPC405GPR-3BB266Z Datasheet
1Mb / 57P
   Power PC 405GPr Embedded Processor
PPC405GPR-3BB333 AMCC-PPC405GPR-3BB333 Datasheet
1Mb / 57P
   Power PC 405GPr Embedded Processor
PPC405GPR-3BB333Z AMCC-PPC405GPR-3BB333Z Datasheet
1Mb / 57P
   Power PC 405GPr Embedded Processor
PPC405GPR-3BB400 AMCC-PPC405GPR-3BB400 Datasheet
1Mb / 57P
   Power PC 405GPr Embedded Processor
More results

Similar Description - PPC405GP-3DE133CZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405GPR AMCC-405GPR Datasheet
1Mb / 57P
   Power PC 405GPr Embedded Processor
440EP AMCC-440EP Datasheet
1Mb / 84P
   Power PC 440EP Embedded Processor
440GP AMCC-440GP Datasheet
1Mb / 83P
   Power PC 440GP Embedded Processor
440GX AMCC-440GX Datasheet
1Mb / 93P
   Power PC 440GX Embedded Processor
440GR AMCC-440GR Datasheet
1Mb / 82P
   Power PC 440GR Embedded Processor
logo
Beckhoff Automation Gmb...
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
CX5230 BECKHOFF-CX5230 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
CX5140 BECKHOFF-CX5140 Datasheet
225Kb / 5P
   Embedded PC with Intel Atom짰 processor
CX5120 BECKHOFF-CX5120 Datasheet
211Kb / 5P
   Embedded PC with Intel Atom짰 processor
CX5130 BECKHOFF-CX5130 Datasheet
225Kb / 5P
   Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com