Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A300B50X1A Datasheet(PDF) 2 Page - Anaren Microwave

Part # A300B50X1A
Description  Chip Termination 300 Watts, 50W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

A300B50X1A Datasheet(HTML) 2 Page - Anaren Microwave

  A300B50X1A Datasheet HTML 1Page - Anaren Microwave A300B50X1A Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Available on Tape and
Reel For Pick and Place
Manufacturing.
Model A300B50X1A
Typical Performance:
Power De-rating:
Suggested Mounting Procedure:
A300B50X1A (097) Rev B


Similar Part No. - A300B50X1A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A300-300 MEANWELL-A300-300 Datasheet
94Kb / 2P
   300W Modified Sine Wave DC-AC Power Inverter
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
logo
Vishay Barry
A3000-10-6X BARRY-A3000-10-6X Datasheet
129Kb / 1P
   Rev.B 04/07/10
Rev.B 04/07/10
A3000-20-3X BARRY-A3000-20-3X Datasheet
180Kb / 1P
   BeO
04/03/08
More results

Similar Description - A300B50X1A

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A10A50X1A ANAREN-A10A50X1A Datasheet
200Kb / 2P
   Chip Termination 10 Watts, 50W
A100N50X4 ANAREN-A100N50X4 Datasheet
203Kb / 2P
   Chip Termination 100 Watts, 50W
A150N50X4B ANAREN-A150N50X4B Datasheet
306Kb / 2P
   Chip Termination 150 Watts, 50W
A30B50X1A ANAREN-A30B50X1A Datasheet
262Kb / 2P
   Chip Termination 30 Watts, 50W
A40B50X1B ANAREN-A40B50X1B Datasheet
265Kb / 2P
   Chip Termination 40 Watts, 50W
RFP-150-50TCGN-S ANAREN-RFP-150-50TCGN-S Datasheet
249Kb / 2P
   Flangeless Termination 150 Watts, 50W
RFP-40-50TPP-S ANAREN-RFP-40-50TPP-S Datasheet
285Kb / 2P
   Flangeless Termination 40 Watts, 50W
G150N50W4B ANAREN-G150N50W4B Datasheet
203Kb / 2P
   Flange Mount Termination 150 Watts, 50W
C12A50Z1A ANAREN-C12A50Z1A Datasheet
288Kb / 2P
   Surface Mount Termination 12 Watts, 50W
RFP-30N50T-S ANAREN-RFP-30N50T-S Datasheet
261Kb / 2P
   Aluminum Nitride Termination 30 Watts, 50W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com