Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4316PWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4316PWRG4
Description  High-Speed CMOS Logic Quad Analog Switch with Level Translation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4316PWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4316PWRG4 Datasheet HTML 1Page - Texas Instruments CD74HC4316PWRG4 Datasheet HTML 2Page - Texas Instruments CD74HC4316PWRG4 Datasheet HTML 3Page - Texas Instruments CD74HC4316PWRG4 Datasheet HTML 4Page - Texas Instruments CD74HC4316PWRG4 Datasheet HTML 5Page - Texas Instruments CD74HC4316PWRG4 Datasheet HTML 6Page - Texas Instruments CD74HC4316PWRG4 Datasheet HTML 7Page - Texas Instruments CD74HC4316PWRG4 Datasheet HTML 8Page - Texas Instruments CD74HC4316PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS212D
CD54HC4316, CD74HC4316,
CD74HCT4316
High-Speed CMOS Logic
Quad Analog Switch with Level Translation
Features
• Wide Analog-Input-Voltage Range
VCC - VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 10V
• Low “ON” Resistance
-45
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . .VCC = 4.5V
-35
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC = 6V
-30
Ω (Typ) . . . . . . . . . . . . . . . . . . . . . . . VCC - VEE = 9V
• Fast Switching and Propagation Delay Times
• Low “OFF” Leakage Current
• Built-In “Break-Before-Make” Switching
• Logic-Level Translation to Enable 5V Logic to
Accommodate
±5V Analog Signals
• Wide Operating Temperature Range . . . -55oC to 125oC
• HC Types
- 2V to 10V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC4316 and CD74HCT4316 contain four independent
digitally controlled analog switches that use silicon-gate
CMOS technology to achieve operating speeds similar to
LSTTL with the low power consumption of standard CMOS
integrated circuits.
In addition these devices contain logic-level translation
circuits that provide for analog signal switching of voltages
between
±5V via 5V logic. Each switch is turned on by a
high-level voltage on its select input (S) when the common
Enable (E) is Low. A High E disables all switches. The digital
inputs can swing between VCC and GND; the analog
inputs/outputs can swing between VCC as a positive limit
and VEE as a negative limit. Voltage ranges are shown in
Figures 2 and 3.
Pinout
CD54HC4316 (CERDIP)
CD74HC4316 (PDIP, SOIC, SOP, TSSOP)
CD74HCT4316 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4316F3A
-55 to 125
16 Ld CERDIP
CD74HC4316E
-55 to 125
16 Ld PDIP
CD74HC4316M
-55 to 125
16 Ld SOIC
CD74HC4316MT
-55 to 125
16 Ld SOIC
CD74HC4316M96
-55 to 125
16 Ld SOIC
CD74HC4316NSR
-55 to 125
16 Ld SOP
CD74HC4316PW
-55 to 125
16 Ld TSSOP
CD74HC4316PWR
-55 to 125
16 Ld TSSOP
CD74HC4316PWT
-55 to 125
16 Ld TSSOP
CD74HCT4316E
-55 to 125
16 Ld PDIP
CD74HCT4316M
-55 to 125
16 Ld SOIC
CD74HCT4316MT
-55 to 125
16 Ld SOIC
CD74HCT4316M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1Z
1Y
2Y
2Z
2S
3S
GND
E
VCC
4S
4Z
4Y
3Y
3Z
VEE
1S
February 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
[ /Title
(CD74
HC431
6,
CD74
HCT43
16)
/Sub-
ject
(High-
Speed
CMOS


Similar Part No. - CD74HC4316PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316PWRG4 TI-CD74HC4316PWRG4 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
More results

Similar Description - CD74HC4316PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316 Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI1-CD54HC4316_14 Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
logo
Texas Instruments
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com