Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC05UE-1.8TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24WC05UE-1.8TE13
Description  2K/4K-Bit Serial EEPROM with Partial Array Write Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC05UE-1.8TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24WC05UE-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Discontinued
Parts
CAT24WC03/05
7
Doc. No. 1005, Rev. F
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the memory array.
If the WP pin is tied to VCC, the upper half (locations 80H
to FFH for CAT24WC03 and locations 100H to 1FFH for
CAT24WC05) of the memory array is protected and
becomes read only. The CAT24WC03/05 will accept
both slave and byte addresses, but the memory location
accessed is protected from programming by the device’s
failure to send an acknowledge after the first byte of data
is received.
READ OPERATIONS
The READ operation for the CAT24WC03/05 is initiated
in the same manner as the write operation with the one
exception that the R/
W bit is set to a one. Three different
READ operations are possible: Immediate Address
READ, Selective READ and Sequential READ.
Immediate Address Read
The CAT24WC03/05 address counter contains the
address of the last byte accessed incremented by one.
In other words, if the last READ or WRITE access was
to address N, the READ immediately following would
access data from address N+1. If N=E (where E = 255
for the CAT24WC03 and 511 for the CAT24WC05), then
the counter will ‘wrap around’ to address 0 and continue
to clock out data. After the CAT24WC03/05 receives its
slave address information (with the R/
W bit set to one),
it issues an acknowledge, then transmits the 8-bit byte
requested. The master device does not send an
acknowledge but will generate a STOP condition.
Selective Read
Selective READ operations allow the Master device to
select at random any memory location for a READ
operation. The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte address of the location it wishes to
read. After the CAT24WC03/05 acknowledge the word
address, the Master device resends the START condition
and the slave address, this time with the R/
W bit set to
one. The CAT24WC03/05 then responds with its
acknowledge and sends the 8-bit byte requested. The
master device does not send an acknowledge but will
generate a STOP condition.
Figure 8. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 9. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE
ADDRESS (n)
S
A
C
K
DATA n
SLAVE
ADDRESS
A
C
K
S
T
A
R
T


Similar Part No. - CAT24WC05UE-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC05U CATALYST-CAT24WC05U Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC05U-1.8 CATALYST-CAT24WC05U-1.8 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC05U-1.8TE13 CATALYST-CAT24WC05U-1.8TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC05U-TE13 CATALYST-CAT24WC05U-TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC05UA CATALYST-CAT24WC05UA Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results

Similar Description - CAT24WC05UE-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com