Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7821PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7821PBF
Description  HEXFET짰Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7821PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7821PBF Datasheet HTML 1Page - International Rectifier IRF7821PBF Datasheet HTML 2Page - International Rectifier IRF7821PBF Datasheet HTML 3Page - International Rectifier IRF7821PBF Datasheet HTML 4Page - International Rectifier IRF7821PBF Datasheet HTML 5Page - International Rectifier IRF7821PBF Datasheet HTML 6Page - International Rectifier IRF7821PBF Datasheet HTML 7Page - International Rectifier IRF7821PBF Datasheet HTML 8Page - International Rectifier IRF7821PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7821PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.025
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.0
9.1
m
–––
9.5
12.5
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
- 4.9
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
22
–––
–––
S
Qg
Total Gate Charge
–––
9.3
14
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.8
–––
nC
Qgd
Gate-to-Drain Charge
–––
2.9
–––
Qgodr
Gate Charge Overdrive
–––
3.1
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.7
–––
Qoss
Output Charge
–––
6.1
–––
nC
td(on)
Turn-On Delay Time
–––
6.3
–––
tr
Rise Time
–––
2.7
–––
td(off)
Turn-Off Delay Time
–––
9.7
–––
ns
tf
Fall Time
–––
7.3
–––
Ciss
Input Capacitance
–––
1010
–––
Coss
Output Capacitance
–––
360
–––
pF
Crss
Reverse Transfer Capacitance
–––
110
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
dh
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.1
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
100
(Body Diode)
Ùh
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
28
42
ns
Qrr
Reverse Recovery Charge
–––
23
35
nC
–––
ID = 10A
VGS = 0V
VDS = 15V
VGS = 4.5V, ID = 10A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 15V, ID = 10A
VDS = 24V, VGS = 0V, TJ = 125°C
TJ = 25°C, IF = 10A, VDD = 20V
di/dt = 100A/µs
e
TJ = 25°C, IS = 10A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VDS = 10V, VGS = 0V
VDD = 15V, VGS = 4.5V e
ID = 10A
VDS = 15V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 13A e
Conditions
Max.
44
10
ƒ = 1.0MHz


Similar Part No. - IRF7821PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7821PBF IRF-IRF7821PBF Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF7821PBF-1 IRF-IRF7821PBF-1 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7821PBF IRF-IRF7821PBF_15 Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
More results

Similar Description - IRF7821PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com