Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD62550A Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # AD62550A
Description  Class-D Audio Power Amplifier with USB / I2S Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD62550A Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AD62550A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD62550A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD62550A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESMT
AD62550A
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2007
Revision: 1.3
2/14
Pin Assignment
Pin Description
Pin
Name
Type
Description
Characteristics
1
MSDA
I/O
I
2C’s SDA of Master mode
Schmitt trigger TTL input buffer
2
MSCL
O
I
2C’s SCL of master mode
3
PDO
O
Power-down output (Note1)
4
SDATAO
O
Serial audio output (Note1)
5
LRCIN
O
L/R clock output(Fs) (Note1)
6
BCLK
O
BCLK output(64xFs) (Note1)
7
SDATAI
I
Serial audio data input
Schmitt trigger TTL input buffer
8
MCLK
O
Master clock(256xFs)
9
GNDR
P
Ground for right channel
10
RB
O
Right channel output-
11
RA
O
Right channel output+
12
VDDR
P
Supply for right channel
13
VDDL
P
Supply for left channel
14
LA
O
Left channel output+
15
LB
O
Left channel output-
16
GNDL
P
Ground for left channel


Similar Part No. - AD62550A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD62551A ESMT-AD62551A Datasheet
183Kb / 3P
   USB controller with external Amplifier and Recording function
AD6255A ESMT-AD6255A Datasheet
239Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface and Recording function
More results

Similar Description - AD62550A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD6255A ESMT-AD6255A Datasheet
239Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface and Recording function
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Realtek Semiconductor C...
ALC5622-GR REALTEK-ALC5622-GR_08 Datasheet
1Mb / 74P
   I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
NS4168 YONGFUKANG-NS4168 Datasheet
810Kb / 15P
   Digital input, anti-aliasing, 2.5W mono Class D audio amplifier I2S
logo
Realtek Semiconductor C...
ALC5621-GR REALTEK-ALC5621-GR Datasheet
1Mb / 76P
   I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
   I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622 REALTEK-ALC5622 Datasheet
1Mb / 73P
   I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com