Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW61B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCW61B
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCW61B Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCW61B Datasheet HTML 1Page - Diotec Semiconductor BCW61B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCW61A ... BCW61D
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 2)
- IC = 10 mA, - IB = 0.25 mA
- IC = 50 mA, - IB = 1.25 mA
- VCEsat
- VCEsat
120 mV
200 mV
250 mV
550 mV
Base-Emitter saturation voltage – Basis-Sättigungsspannung 2)
- IC = 10 mA, - IB = 0.25 mA
- IC = 50 mA, - IB = 1.25 mA
- VBEsat
- VBEsat
700 mV
830 mV
850 mV
1050 mV
Base-Emitter-voltage – Basis-Emitter-Spannung 2)
- IC = 10 µA, - VCE = 5 V
- IC = 2 mA, - VCE = 5 V
- IC = 50 mA, - VCE = 1 V
- VBE
- VBE
- VBE
550 mV
520 mV
650 mV
780 mV
750 mV
Collector-Base cutoff current – Kollektor-Basis-Reststrom
- VCB = 30 V, (E open)
- VCE = 30 V, Tj = 125°C, (E open)
- ICB0
- ICB0
20 nA
20 µA
Emitter-Base cutoff current
- VEB = 4 V, (C open)
- IEB0
20 nA
Gain-Bandwidth Product – Transitfrequenz
- VCE = 5 V, - IC = 10 mA, f = 100 MHz
fT
100 MHz
250 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 10 V, IE = ie = 0, f = 1 MHz
CCBO
–4.5 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 10 V, IC = ic = 0, f = 1 MHz
CEBO
11 pF
Noise figure – Rauschzahl
- VCE = 5 V, - IC = 200 µA, RG = 2 kΩ
f = 1 kHz, Δf = 200 Hz
F
2 dB
6 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BCW60A ... BCW60D
Marking - Stempelung
BCW61A = BA
BCW61B = BB
BCW61C = BC
BCW61D = BD
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - BCW61B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61B PHILIPS-BCW61B Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BCW61B INFINEON-BCW61B Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
logo
Samsung semiconductor
BCW61B SAMSUNG-BCW61B Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCW61B SECOS-BCW61B Datasheet
1Mb / 2P
   -0.1A , -32V PNP Plastic Encapsulated Transistor
logo
Siemens Semiconductor G...
BCW61B SIEMENS-BCW61B Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW61B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BCW29 DIOTEC-BCW29_07 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT4403 DIOTEC-MMBT4403 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC856 DIOTEC-BC856_11 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC856W DIOTEC-BC856W_07 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_07 Datasheet
111Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_15 Datasheet
108Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BCP54 DIOTEC-BCP54_07 Datasheet
108Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BCW31 DIOTEC-BCW31_07 Datasheet
101Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC817 DIOTEC-BC817_07 Datasheet
116Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
BC846W DIOTEC-BC846W_11 Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com