Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC50FDPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4PC50FDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50FDPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG4PC50FDPBF Datasheet HTML 2Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 9Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRG4PC50FDPbF
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
0
4
8
12
16
0
204060
80
C
I , Collector-to-Emitter Current (A )
A
R
= 5.0
T
= 150°C
V
= 480V
V
= 15V
G
J
CC
GE
1
10
100
1000
1
10
100
1000
CE
GE
V
, C olle cto r-to-E m itter V oltage (V )
SA FE OP ER ATIN G A R EA
V
= 20V
T
= 125°C
GE
J
1
10
100
0.6
1.0
1.4
1.8
2.2
2.6
FM
F o rward Volta g e D ro p - V
(V )
T = 150°C
T = 125°C
T = 25°C
J
J
J


Similar Part No. - IRG4PC50FDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50FDPBF IRF-IRG4PC50FDPBF Datasheet
763Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC50FDPBF IRF-IRG4PC50FDPBF Datasheet
763Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC50FDPBF IRF-IRG4PC50FDPBF_15 Datasheet
763Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PC50FDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com