Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2674 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2674
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2674 Datasheet(HTML) 5 Page - Texas Instruments

  OPA2674 Datasheet HTML 1Page - Texas Instruments OPA2674 Datasheet HTML 2Page - Texas Instruments OPA2674 Datasheet HTML 3Page - Texas Instruments OPA2674 Datasheet HTML 4Page - Texas Instruments OPA2674 Datasheet HTML 5Page - Texas Instruments OPA2674 Datasheet HTML 6Page - Texas Instruments OPA2674 Datasheet HTML 7Page - Texas Instruments OPA2674 Datasheet HTML 8Page - Texas Instruments OPA2674 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
OPA2674
SBOS270A − AUGUST 2003 − REVISED MAY 2006
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25
°C.
At TA = +25°C, A1 = 1, A0 = 1 (Full Power: for SO-14 only), G = +4, RF = 453Ω, and RL = 100Ω, unless otherwise noted. See Figure 3 for AC
performance only.
OPA2674ID, OPA2674I-14D
TYP
MIN/MAX OVER TEMPERATURE
TEST
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C(1)
0
°C to
+70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC Performance (see Figure 3)
Small
-Signal Bandwidth (VO = 0.5VPP)
G = +1, RF = 536Ω
220
MHz
typ
C
Small
-Signal Bandwidth (VO = 0.5VPP)
G = +2, RF = 511Ω
175
140
130
120
MHz
min
B
G = +4, RF = 453Ω
168
130
126
120
MHz
min
B
G = +8, RF = 332Ω
175
140
130
125
MHz
min
B
Peaking at a Gain of +1
G = +1, RF = 511Ω
0.6
dB
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +4, VO = 0.5VPP
34
24
22
20
MHz
min
B
Large
-Signal Bandwidth
G = +4, VO = 5VPP
190
140
135
130
MHz
typ
C
Slew Rate
G = +4, 2V Step
900
650
625
600
V/
µs
min
B
Rise Time and Fall Time
G = +4, VO = 2V Step
2
ns
typ
C
Harmonic Distortion
G = +4, f = 5MHz, VO = 2VPP
2nd-Harmonic
RL = 100Ω
−65
−63
−62
−61
dBc
max
B
RL ≥ 500Ω
−72
−70
−69
−68
dBc
max
B
3rd-Harmonic
RL = 100Ω
−72
−70
−69
−68
dBc
max
B
RL ≥ 500Ω
−74
−71
−70
−69
dBc
max
B
Input Voltage Noise
f > 1MHz
2
2.6
2.9
3.1
nV/
√Hz
max
B
Noninverting Input Current Noise
f > 1MHz
16
20
21
22
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
24
29
30
31
pA/
√Hz
max
B
Channel
-to-Channel Crosstalk
f = 5MHz, Input-Referred
−92
dB
typ
C
DC Performance(4)
Open
-Loop Transimpedance Gain
VO = 0V, RL = 100Ω
110
72
70
68
k
min
A
Input Offset Voltage
VCM = 0V
±0.8
±3.5
±4.0
±4.3
mV
max
A
Offset Voltage Drift
VCM = 0V
±4
±10
±10
±12
µV/°C
max
B
Noninverting Input Bias Current
VCM = 0V
±10
±30
±32
±35
µA
max
A
Noninverting Input Bias Current Drift
VCM = 0V
±5
±50
±50
±75
nA/
°C
max
B
Inverting Input Bias Current
VCM = 0V
±10
±35
±40
±45
µA
max
A
Inverting Input Bias Current Drift
VCM = 0V
±10
±100
±100
±150
nA/
°C
max
B
Input
Most Positive Input Voltage(5)
3.7
3.3
3.2
3.1
V
min
A
Most Negative Input Voltage(5)
1.3
1.7
1.8
1.9
V
min
A
Common
-Mode Rejection Ratio (CMRR)
VCM = 2.5V, Input-Referred
53
49
48
47
dB
min
A
Noninverting Input Impedance
250
 2
k
Ω pF
typ
C
Minimum Inverting Input Resistance
Open
-Loop
25
15
min
B
Maximum Inverting Input Resistance
Open
-Loop
25
40
max
B
Output
Most Positive Output Voltage
No Load
4.1
3.9
3.8
3.6
V
min
A
Most Positive Output Voltage
RL = 100Ω
3.9
3.8
3.7
3.5
V
min
A
Most Negative Output Voltage
No Load
0.8
1.0
1.1
1.3
V
max
A
Most Negative Output Voltage
RL = 100Ω
1.0
1.1
1.2
1.5
V
max
A
Current Output
VO = 0
±260
±200
±180
±160
mA
min
A
Closed
-Loop Output Impedance
G = +4, f
≤ 100kHz
0.02
typ
C
Output (SO-14 Only)
Current Output at Full Power
A1 = 1, A0 = 1, VO = 0
±260
±200
±180
±160
mA
min
A
Current Output at Power Cutback
A1 = 1, A0 = 0, VO = 0
±200
±160
±140
±120
mA
min
A
Current Output at Idle Power
A1 = 0, A0 = 1, VO = 0
±80
±50
±45
±40
mA
min
A
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR at min/max input ranges.


Similar Part No. - OPA2674

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI1-OPA2674 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
2Mb / 39P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
logo
Burr-Brown (TI)
OPA2674I-14D BURR-BROWN-OPA2674I-14D Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674I-14D TI1-OPA2674I-14D Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results

Similar Description - OPA2674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com