Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ538 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SJ538
Description  P-Channel Silicon MOSFET Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ538 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SJ538 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ538 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ538 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ538 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ538
No. A0519-1/4
Features
Low ON-resistance.
4V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--15
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--45
A
Allowable Power Dissipation
PD
1.0
W
Tc=25
°C30
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0V
--100
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.0
--2.5
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--8A
10
15
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--8A, VGS=--10V
24
30
m
RDS(on)2
ID=--4A, VGS=--4V
40
52
m
Input Capacitance
Ciss
VDS=--10V, f=1MHz
2000
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
1000
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
470
pF
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0519
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
O0406PA MS IM TC-00000219
SANYO Semiconductors
DATA SHEET
2SJ538
P-Channel Silicon MOSFET
Load Switching Applications


Similar Part No. - 2SJ538

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ530 HITACHI-2SJ530 Datasheet
57Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ530 RENESAS-2SJ530 Datasheet
94Kb / 9P
   Silicon P Channel MOS FET
2SJ530(L) RENESAS-2SJ530(L)_15 Datasheet
114Kb / 11P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ530L HITACHI-2SJ530L Datasheet
57Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ530L RENESAS-2SJ530L Datasheet
94Kb / 9P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ538

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2019A SANYO-FTD2019A Datasheet
38Kb / 4P
   N-Channel Silicon MOSFET Transistor Load Switching Applications
CPH3318 SANYO-CPH3318 Datasheet
46Kb / 4P
   P-Channel Silicon MOSFET(Ultrahigh-Speed Switching Applications)
3LP02M SANYO-3LP02M Datasheet
56Kb / 4P
   P-Channel Silicon MOSFET (Ultrahigh-Speed Switching Applications)
FTD7003 SANYO-FTD7003 Datasheet
29Kb / 4P
   P-Channel Silicon MOSFET High-Speed Switching Applications
5LP01N SANYO-5LP01N Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com