Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC42N Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC42N
Description  4-LINE TO 10-LINE DECODERS(1 OF 10)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC42N Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC42N Datasheet HTML 1Page - Texas Instruments SN74HC42N Datasheet HTML 2Page - Texas Instruments SN74HC42N Datasheet HTML 3Page - Texas Instruments SN74HC42N Datasheet HTML 4Page - Texas Instruments SN74HC42N Datasheet HTML 5Page - Texas Instruments SN74HC42N Datasheet HTML 6Page - Texas Instruments SN74HC42N Datasheet HTML 7Page - Texas Instruments SN74HC42N Datasheet HTML 8Page - Texas Instruments SN74HC42N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN54HC42, SN74HC42
4LINE TO 10LINE DECODERS (1 of 10)
SCLS091D − DECEMBER 1982 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC42
SN74HC42
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
65
150
225
190
tpd
A, B, C, or D
0−9
4.5 V
18
30
45
38
ns
tpd
A, B, C, or D
0−9
6 V
14
26
38
32
ns
2 V
28
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
7
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
39
pF
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74HC42N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC42N TI-SN74HC42N Datasheet
94Kb / 6P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS 1 of 10
SN74HC42N TI-SN74HC42N Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
SN74HC42N TI-SN74HC42N Datasheet
703Kb / 16P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1of 10)
SN74HC42NE4 TI-SN74HC42NE4 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
SN74HC42NSR TI-SN74HC42NSR Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
More results

Similar Description - SN74HC42N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54L42 TI-SN54L42 Datasheet
426Kb / 9P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1-OF-10)
logo
Raytheon Company
74LS43 RAYTHEON-74LS43 Datasheet
201Kb / 3P
   4-Line To 10-Line Decoders(1-of-10)
logo
Texas Instruments
SN54HC42 TI-SN54HC42_06 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
SN54HC42 TI-SN54HC42 Datasheet
94Kb / 6P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS 1 of 10
logo
Raytheon Company
LS43 RAYTHEON-LS43 Datasheet
191Kb / 3P
   4-LINE To 10-Line Decoders
logo
Texas Instruments
SN54HC42 TI-SN54HC42_08 Datasheet
703Kb / 16P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1of 10)
SN5442A TI-SN5442A Datasheet
213Kb / 7P
[Old version datasheet]   4-LINE BCD TO 10-LINE DECIMAL DECODERS
SN5442A TI1-SN5442A_11 Datasheet
224Kb / 7P
[Old version datasheet]   4-LINE BCD TO 10-LINE DECIMAL DECODERS
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
   1-OF-10 DECODERS
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com