Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C64V-GT3 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT25C64V-GT3
Description  64K-Bit SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64V-GT3 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25C64V-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C64V-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C64V-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C64V-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64V-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64V-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C64V-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C64V-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C64V-GT3 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
CAT25C64
Doc. No. 1112, Rev. B
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 7. WRSR Instruction Timing
Figure 6. Write Instruction Timing
Note: Dashed Line= mode (1, 1) – – – –
Note: Dashed Line= mode (1, 1) — — — —
SCK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
012345678
21
22
23
24
25
26
27
28
29
30
31
CS
OPCODE
DATA IN
HIGH IMPEDANCE
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
location selected by the block protection level.
Byte Write
Once the device is in a Write Enable state, the user
may proceed with a write sequence by setting the
CS
low, issuing a write instruction via the SI line, followed
by the 16-bit address (the three Most Significant Bits
are don’t care), and then the data to be written.
Programming will start after the
CS is brought high.
Figure 6 illustrates byte write sequence.
During an internal write cycle, all commands will be
ignored except the RDSR (Read Status Register)
instruction.
The Status Register can be read to determine if the
write cycle is still in progress. If Bit 0 of the Status
Register is set at 1, write cycle is in progress. If Bit 0
is set at 0, the device is ready for the next instruction.
Page Write
The CAT25C64 features page write capability. After
the first initial byte the host may continue to write up
to 64 bytes of data to the CAT25C64. After each byte of data
is received, six lower order address bits are internally
incremented by one; the high order bits of address will
remain constant. The only restriction is that the 64 bytes
must reside on the same page. If the address counter
reaches the end of the page and clock continues, the
counter will “roll over” to the first address of the page and
overwrite any data that may have been written.
The
CAT25C64 is automatically returned to the write disable
state at the completion of the write cycle. Figure 8 illustrates
the page write sequence.
To write to the status register, the WRSR instruction should
be sent. Only Bit 2, Bit 3 and Bit 7 of the status register can
be written using the WRSR instruction. Figure 7 illustrates
the sequence of writing to status register.
DESIGN CONSIDERATIONS
The CAT25C64 powers up in a write disable state and in a
low power standby mode. A WREN instruction must be
issued to perform any writes to the device after power up.
Also,on power up
CS should be brought low to enter a ready


Similar Part No. - CAT25C64V-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64VS-1.8TE13 CATALYST-CAT25C64VS-1.8TE13 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64VSA-1.8TE13 CATALYST-CAT25C64VSA-1.8TE13 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64VSATE13 CATALYST-CAT25C64VSATE13 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64VSE-1.8TE13 CATALYST-CAT25C64VSE-1.8TE13 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64VSETE13 CATALYST-CAT25C64VSETE13 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C64V-GT3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
   64K SPI Bus Serial EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com