Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C76VI-T2 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT93C76VI-T2
Description  8K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76VI-T2 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT93C76VI-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C76VI-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C76VI-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C76VI-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C76VI-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76VI-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76VI-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76VI-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76VI-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT93C76 (Rev. A)
Doc. No. MD-1090 Rev. B
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.4V to 2.4V
4.5V ≤ VCC ≤ 5.5V
Timing Reference Voltages
0.8V, 2.0V
4.5V ≤ VCC ≤ 5.5V
Input Pulse Voltages
0.2VCC to 0.7VCC
1.8V ≤ VCC ≤ 4.5V
Timing Reference Voltages
0.5VCC
1.8V ≤ VCC ≤ 4.5V
DEVICE OPERATION
The CAT93C76 is a 8192-bit nonvolatile memory
intended for use with industry standard micropro-
cessors. The CAT93C76 can be organized as either
registers of 16 bits or 8 bits. When organized as X16,
seven 13-bit instructions control the read, write and
erase operations of the device. When organized as
X8, seven 14-bit instructions control the read, write
and erase operations of the device. The CAT93C76
operates on a single power supply and will generate
on chip, the high voltage required during any write
operation.
Instructions, addresses, and write data are clocked
into the DI pin on the rising edge of the clock (SK).
The DO pin is normally in a high impedance state
except when reading data from the device, or when
checking the ready/busy status after a write operation.
The ready/busy status can be determined after the
start of a write operation by selecting the device (CS
high) and polling the DO pin; DO low indicates that the
write operation is not completed, while DO high
indicates that the device is ready for the next
instruction. If necessary, the DO pin may be placed
back into a high impedance state during chip select by
shifting a dummy “1” into the DI pin. The DO pin will
enter the high impedance state on the falling edge of
the clock (SK). Placing the DO pin into the high
impedance state is recommended in applications
where the DI pin and the DO pin are to be tied
together to form a common DI/O pin.
The format for all instructions sent to the device is a
logical "1" start bit, a 2-bit (or 4-bit) opcode, 10-bit
address (an additional bit when organized X8) and for
write operations a 16-bit data field (8-bit for X8
organizations). The most significant bit of the address
is “don’t care” but it must be present.
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT93C76
will come out of the high impedance state and, after
sending an initial dummy zero bit, will begin shifting
out the data addressed (MSB first). The output data
bits will toggle on the rising edge of the SK clock and
are stable after the specified time delay (tPD0 or tPD1).
For the CAT93C76, after the initial data word has
been shifted out and CS remains asserted with the SK
clock
continuing
to
toggle,
the
device
will
automatically increment to the next address and shift
out the next data word in a sequential READ mode.
As long as CS is continuously asserted and SK
continues to toggle, the device will keep incrementing
to the next address automatically until it reaches the
end of the address space, then loops back to address
0. In the sequential READ mode, only the initial data
word is preceeded by a dummy zero bit. All
subsequent data words will follow without a dummy
zero bit.
Write
After receiving a WRITE command, address and the
data, the CS (Chip Select) pin must be deselected for
a minimum of tCSMIN. The falling edge of CS will start
the self clocking clear and data store cycle of the
memory location specified in the instruction. The
clocking of the SK pin is not necessary after the
device has entered the self clocking mode. The
ready/busy status of the CAT93C76 can be
determined by selecting the device and polling the DO
pin. Since this device features Auto-Clear before
write, it is NOT necessary to erase a memory location
before it is written into.


Similar Part No. - CAT93C76VI-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76VI-G ONSEMI-CAT93C76VI-G Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C76VI-G ONSEMI-CAT93C76VI-G Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76VI-GT2 ONSEMI-CAT93C76VI-GT2 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76VI-GT3 ONSEMI-CAT93C76VI-GT3 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76VI-GT3 ONSEMI-CAT93C76VI-GT3 Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
More results

Similar Description - CAT93C76VI-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
   8K Microwire Compatible Serial EEPROM
2004
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com