Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9910PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF9910PBF
Description  HEXFET짰Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9910PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF9910PBF Datasheet HTML 1Page - International Rectifier IRF9910PBF Datasheet HTML 2Page - International Rectifier IRF9910PBF Datasheet HTML 3Page - International Rectifier IRF9910PBF Datasheet HTML 4Page - International Rectifier IRF9910PBF Datasheet HTML 5Page - International Rectifier IRF9910PBF Datasheet HTML 6Page - International Rectifier IRF9910PBF Datasheet HTML 7Page - International Rectifier IRF9910PBF Datasheet HTML 8Page - International Rectifier IRF9910PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF9910PbF
4
www.irf.com
Fig 7. Typical Capacitance Vs.Drain-to-Source Voltage
Fig 8. Typical Capacitance Vs.Drain-to-Source Voltage
Fig 11. Maximum Safe Operating Area
Fig. 9. Gate-to-Source Voltage vs Typical Gate Charge
Fig. 10. Gate-to-Source Voltage vs Typical Gate Charge
Fig 12. Maximum Safe Operating Area
Typical Characteristics
Q1 - Control FET
Q2 - Synchronous FET
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
C
iss
= C
gs
+ C
gd
, C
ds
SHORTED
C
rss
= C
gd
C
oss
= C
ds
+ C
gd
C
oss
C
rss
C
iss
0
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
1msec
10msec
OPERATION IN THIS AREA LIMITED
BY R
DS
(on)
100µsec
T
A
= 25°C
Tj = 150°C
Single Pulse
0
5
10
15
20
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
V
DS
= 16V
V
DS
= 10V
I
D
= 9.8A
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
C
iss
= C
gs
+ C
gd
, C
ds
SHORTED
C
rss
= C
gd
C
oss
= C
ds
+ C
gd
C
oss
C
rss
C
iss
012345 6789 10
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
V
DS
= 16V
V
DS
= 10V
I
D
= 8.3A
0
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
1msec
10msec
OPERATION IN THIS AREA LIMITED
BY R
DS
(on)
100µsec
T
A
= 25°C
Tj = 150°C
Single Pulse


Similar Part No. - IRF9910PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9910PBF IRF-IRF9910PBF Datasheet
299Kb / 10P
   Dual SO-8 MOSFET for POL Low Gate Charge
IRF9910PBF IRF-IRF9910PBF Datasheet
299Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF9910PBF-1 IRF-IRF9910PBF-1 Datasheet
264Kb / 11P
   Industry-standard pinout SO-8 Package
IRF9910PBF-1 IRF-IRF9910PBF-1_15 Datasheet
264Kb / 11P
   Industry-standard pinout SO-8 Package
IRF9910PBF IRF-IRF9910PBF_08 Datasheet
299Kb / 10P
   Dual SO-8 MOSFET for POL Low Gate Charge
More results

Similar Description - IRF9910PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com