Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3SB1.5Z-B10 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-B3SB1.5Z-B10
Description  MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3SB1.5Z-B10 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-B3SB1.5Z-B10 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3SB1.5Z-B10 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3SB1.5Z-B10 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3SB1.5Z-B10 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3SB1.5Z-B10 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3SB1.5Z-B10 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3SB1.5Z-B10 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3SB1.5Z-B10 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3SB1.5Z-B10 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image

n
Features
l
These are flat type ultra miniature (SMT), 5.2±0.2mm height
(through hole) relays for telecommunication and data
networking equipments, made of high heat resistant material,
which can support IRS and VPS methods.
l
Ultra slim and light weight with a 5.25±0.2 mm height and
approximately 0.8 g weight, and an 87mm2 mounting area.
Most suitable for decreasing size and weight, space saving
and high density packaging of equipment.
l
Contact spring has superb high frequency characteristics.
l
High insulation design conforming to the Bellcore, FCC
standard, with a minimum of 1.6 mm between coil and
contacts insulation distance, an AC 1.5kV coil contact
withstand voltage, and a 2.5kV coil-contact withstand surge
voltage.
l
High efficieny polar electromagnet structure implements
a140mW low coil power consumption. A power saving latch
type is also available.
l
Gold-plated silver alloy bifurcated contacts having high
contact reliability.
l
UL, CSA recognized. Confirms to IEC 60950, UL1950,
EN60950. Spacing & high breakdown voltage (Basic
insulation, 150 working volts, pollution degree 2).
l
RoHS compliant since date code: 0431B8
Please see page 10 for more information
Ftr-B3 serIes
MINIature reLaY
2-CONtaCt 1a (FOr sWItCHING sIGNaLs)
roHs compliant


Similar Part No. - FTR-B3SB1.5Z-B10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3SB1.5Z-RF FUJITSU-FTR-B3SB1.5Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results

Similar Description - FTR-B3SB1.5Z-B10

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com