Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5269WI-00 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5269WI-00
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5269WI-00 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5269WI-00 Datasheet HTML 1Page - Catalyst Semiconductor CAT5269WI-00 Datasheet HTML 2Page - Catalyst Semiconductor CAT5269WI-00 Datasheet HTML 3Page - Catalyst Semiconductor CAT5269WI-00 Datasheet HTML 4Page - Catalyst Semiconductor CAT5269WI-00 Datasheet HTML 5Page - Catalyst Semiconductor CAT5269WI-00 Datasheet HTML 6Page - Catalyst Semiconductor CAT5269WI-00 Datasheet HTML 7Page - Catalyst Semiconductor CAT5269WI-00 Datasheet HTML 8Page - Catalyst Semiconductor CAT5269WI-00 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAT5269
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-2123 Rev. C
Characteristics subject to change without notice
Dual Digitally Programmable Potentiometers
(DPP™) with 256 Taps and 2-wire Interface
FEATURES
Four linear taper digitally programmable
potentiometers
256 resistor taps per potentiometer
End to end resistance 50kΩ or 100kΩ
Potentiometer control and memory access via
2-wire interface (I
2C like)
Low wiper resistance, typically 100Ω
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and TSSOP packages
Industrial temperature range
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC (W)
TSSOP (Y)
NC
1
24 A3
A0
2
23 SCL
NC
3
22 NC
NC
4
21 NC
NC
5
20 NC
NC
6
19 NC
VCC 7
18 GND
RLO 8
17 RW1
RHO 9
16 RH1
RWO 10
15 RL1
A2 11
14 A1
WP
¯¯¯ 12
13 SDA
DESCRIPTION
The CAT5259 is two digitally programmable poten–
tiometers (DPPs™) integrated with control logic and
18 bytes of NVRAM memory. Each DPP consists of a
series of resistive elements connected between two
externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the
wiper tap switches for each DPP. Associated with
each wiper control register are four 8-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a 2-wire
serial bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers is
automatically loaded into its respective wiper control
registers.
The CAT5259 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40ºC to 85ºC
industrial operating temperature ranges and offered in
a 24-lead SOIC and TSSOP package.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
A1
A2
A0
A3
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
2-WIRE BUS
INTERFACE
WP
SCL
SDA


Similar Part No. - CAT5269WI-00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5269WI-00 ONSEMI-CAT5269WI-00 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5269WI-00-T1 ONSEMI-CAT5269WI-00-T1 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
CAT5269WI-00-T1 ONSEMI-CAT5269WI-00-T1 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5269WI-00TE13 CATALYST-CAT5269WI-00TE13 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269WI-00TE13 CATALYST-CAT5269WI-00TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results

Similar Description - CAT5269WI-00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
logo
Catalyst Semiconductor
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com