Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3GA024Z-B10 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-B3GA024Z-B10
Description  MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3GA024Z-B10 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-B3GA024Z-B10 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3GA024Z-B10 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3GA024Z-B10 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3GA024Z-B10 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3GA024Z-B10 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3GA024Z-B10 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3GA024Z-B10 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3GA024Z-B10 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3GA024Z-B10 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Ftr-B3 series
n
speCIFICatIONs
continued
n
CHaraCterIstIC Data
5
4
3
2
1
0
0.1
0.2
0.3
Operation
(return time characteristics)
Release
Operation time
Coil Power (W)
5
4
3
2
1
0
0.1
0.2
0.3
Set, reset time characteristics
Set time
Reset time
Coil Power (W)
100
90
80
70
60
50
40
0.5
1
2
5
10 20
50 100 200
Pulse characteristics
Pulse width (ms)
At set/reset
80
60
40
20
0
0
0.1
0.2
0.3
Coil Temperature Rise
Coil Power (W)
Contact carrying
current: 1A
Contact carrying
current: 0
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
20
40
60
80
100
Ambient Temperature
(maximum applied voltage,
operating voltage characteristics)
Ambient Temperature (°C)
Standard type
Contact carrying
current: 0
Contact
carrying
current:
1A
Operating
voltage
(hot coil)
Operating
voltage
(cool coil)
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
20
40
60
80
100
Ambient Temperature
(maximum applied voltage,
operating voltage characteristics)
Ambient Temperature (°C)
Contact
carrying
current:
1A
Latching Type
Operating
Voltage
(hot coil)
Operating V
oltage
(cool coil)
continued
m
e
tI
e
p
y
T
d
r
a
d
n
a
t
S
e
p
y
T
g
n
i
h
c
t
a
L
A
)
(
3
B
-
R
T
F
B
)
(
3
B
-
R
T
F
e
fi
L
l
a
c
i
n
a
h
c
e
M
0
1
x
0
5
6
.
n
i
m
s
n
o
it
a
r
e
p
o
)
z
H
3
t
a
(
0
1
x
0
2
6
.
n
i
m
s
n
o
it
a
r
e
p
o
)
z
H
3
t
a
(
)
d
a
o
l
e
v
it
s
i
s
e
r
(
l
a
c
ir
t
c
e
l
E
0
1
x
0
0
1
3
)
z
H
5
.
0
t
a
(
C
D
V
0
3
A
1
t
a
.
n
i
m
s
n
o
it
a
r
e
p
o
0
1
x
0
0
1
3
)
z
H
5
.
0
t
a
(
C
D
V
5
2
1
A
3
.
0
t
a
.
n
i
m
s
n
o
it
a
r
e
p
o
r
e
h
t
O
n
o
it
a
r
b
i
V
e
c
n
a
t
s
i
s
e
r
n
o
it
c
n
u
fl
a
M
m
m
3
.
3
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
t
a
z
H
5
5
o
t
0
1
e
c
n
a
r
u
d
n
E
m
m
5
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
t
a
z
H
5
5
o
t
0
1
k
c
o
h
S
e
c
n
a
t
s
i
s
e
r
n
o
it
c
n
u
fl
a
M
s
/
m
0
5
7
.
n
i
M
2
e
c
n
a
r
u
d
n
E
s
/
m
0
0
0
1
.
n
i
M
2
t
h
g
i
e
W
g
8
.
0
y
l
e
t
a
m
i
x
o
r
p
p
A


Similar Part No. - FTR-B3GA024Z-B10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3GA024Z-RF FUJITSU-FTR-B3GA024Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results

Similar Description - FTR-B3GA024Z-B10

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com