Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3GB024Z-B10 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # FTR-B3GB024Z-B10
Description  MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3GB024Z-B10 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button FTR-B3GB024Z-B10 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 9Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 10Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 11Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Ftr-B3 series
roHs Compliance and Lead Free relay Information
Reflow Solder condtion
3. Moisture sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical realys.
4. tin Whisker
l
SnAgCu and SnCuNi solder is known as low risk of tin whisker. No considerable length whisker was found
by our in-house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condtion:
Pre-heating:
maximum 120˚C
Soldering:
dip within 5 sec. at
260˚C soler bath
Solder by Soldering Iron:
Soldering Iron
Temperature: maximum 360˚C
Duration:
maximum 3 sec.
1. General Information
l
Relays produced after the specific date code that is indicated on each data sheet are lead-free
now. Most of our signal and power relays are lead-free. Please refer to Lead-Free Status Info.
(http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf)
l
Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu. From February 2005 forward
Sn-3.0CU-Ni will be used for the FTR-B3 and FTR-B4 series relays.
l
All signal and most power relays also comply with RoHS. Please refer to individual data
sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that
are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE).
l
It has been verified that using lead-free relays in leaded assembly process will not cause any
problems (compatible).
l
“LF” is marked on each outer and inner carton. (No marking on individual relays).
l
To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office.
l
We will ship leaded relays as long as the leaded relay inventory exists.
Note: Cadmium was exempted from RoHS on October 21, 2005. (Amendment to Directive 2002/95/EC)
2. Recommended Lead Free Solder Profile
l
Recommended solder paste Sn-3.0Ag-0.5Cu amd Sm-3.0 Cu-Ni (only FTR-B3 and FTR-B4 from
February 2005.
max. 120 sec.
90~120 sec.
20~30 sec.
(duration)
Cooling
Pre-heating
Soldering
PeakTemp.: max. 250°C
250
220
130
170


Similar Part No. - FTR-B3GB024Z-B10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3GB024Z-RF FUJITSU-FTR-B3GB024Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results

Similar Description - FTR-B3GB024Z-B10

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com