Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AS169AJ Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54AS169AJ
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS169AJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54AS169AJ Datasheet HTML 3Page - Texas Instruments SN54AS169AJ Datasheet HTML 4Page - Texas Instruments SN54AS169AJ Datasheet HTML 5Page - Texas Instruments SN54AS169AJ Datasheet HTML 6Page - Texas Instruments SN54AS169AJ Datasheet HTML 7Page - Texas Instruments SN54AS169AJ Datasheet HTML 8Page - Texas Instruments SN54AS169AJ Datasheet HTML 9Page - Texas Instruments SN54AS169AJ Datasheet HTML 10Page - Texas Instruments SN54AS169AJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN54ALS169B, SN54AS169A, SN74ALS169B, SN74AS169A
SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTERS
SDAS125B − MARCH 1984 − REVISED DECEMBER 1994
2−7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS169A
SN74AS169A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
− 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 2 mA
VCC −2
VCC −2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.25
0.5
0.25
0.5
V
II
LOAD, ENT, U/D
VCC = 5.5 V,
VI = 7 V
0.2
0.2
mA
II
All others
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
LOAD, ENT, U/D
VCC = 5.5 V,
VI = 2.7 V
40
40
A
IIH
All others
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
LOAD, ENT, U/D
VCC = 5.5 V,
VI = 0.4 V
−1
−1
mA
IIL
All others
VCC = 5.5 V,
VI = 0.4 V
− 0.5
− 0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−30
−112
−30
−112
mA
ICC
VCC = 5.5 V
41
63
41
63
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54AS169A
SN74AS169A
UNIT
MIN
MAX
MIN
MAX
fmax*
60
75
MHz
tPLH
CLK
RCO
3
17.5
3
16.5
ns
tPHL
CLK
RCO
(LOAD high or low)
2
14
2
13
ns
tPLH
CLK
Any Q
1
7.5
1
7
ns
tPHL
CLK
Any Q
2
14
2
13
ns
tPLH
ENT
RCO
1.5
10
1.5
9
ns
tPHL
ENT
RCO
1.5
10
1.5
9
ns
tPLH
U/D
RCO
2
14
2
12
ns
tPHL
U/D
RCO
2
14.5
2
13
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data but is not production tested.
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54AS169AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS169AJ TI-SN54AS169AJ Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54AS169AJ TI-SN54AS169AJ Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54AS169AJ TI1-SN54AS169AJ Datasheet
858Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results

Similar Description - SN54AS169AJ

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com