Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3P3M25N60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG3P3M25N60
Description  3 Phase inverter IGBT - SEMITOP짰3 module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3P3M25N60 Datasheet(HTML) 4 Page - STMicroelectronics

  STG3P3M25N60 Datasheet HTML 1Page - STMicroelectronics STG3P3M25N60 Datasheet HTML 2Page - STMicroelectronics STG3P3M25N60 Datasheet HTML 3Page - STMicroelectronics STG3P3M25N60 Datasheet HTML 4Page - STMicroelectronics STG3P3M25N60 Datasheet HTML 5Page - STMicroelectronics STG3P3M25N60 Datasheet HTML 6Page - STMicroelectronics STG3P3M25N60 Datasheet HTML 7Page - STMicroelectronics STG3P3M25N60 Datasheet HTML 8Page - STMicroelectronics STG3P3M25N60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STG3P3M25N60
4/12
2
Electrical characteristics
(Ts=25°C unless otherwise specified)
Table 3.
IGBT-Inverter parameters
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-emitter
breakdown voltage
IC= 1mA, VGE= 0
600
V
ICES
Collector cut-off Current
(VGE = 0)
VCE= Max rating, ts= 25°c
vce=max rating, Ts= 125°C
10
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE= ±20V , VCE= 0
±100
nA
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250µA
3.75
5.75
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15V, IC= 20A
VGE=15V, IC= 20A, Ts=125°C
1.85
1.7
2.5
V
V
Table 4.
Dynamic
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VCE = 15V, IC= 20A
15
S
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25V, f = 1MHz,
VGE = 0
2200
225
50
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390V, IC = 20A,
VGE = 15V,
(see Figure 8)
100
16
45
140
nC
nC
nC


Similar Part No. - STG3P3M25N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3P3M25K120 STMICROELECTRONICS-STG3P3M25K120 Datasheet
226Kb / 11P
   Tri-phase inverter IGBT - SEMITOP®3 module
June 2009
More results

Similar Description - STG3P3M25N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3P3M25K120 STMICROELECTRONICS-STG3P3M25K120 Datasheet
226Kb / 11P
   Tri-phase inverter IGBT - SEMITOP®3 module
June 2009
STG3P2M10N60B STMICROELECTRONICS-STG3P2M10N60B Datasheet
319Kb / 12P
   1-Phase bridge rectifier 3 phase inverter IGBT - SEMITOP 2 module
logo
eupec GmbH
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
ON Semiconductor
FTCO3V455A2 ONSEMI-FTCO3V455A2 Datasheet
439Kb / 10P
   3-Phase Inverter Automotive Power Module
December, 2018 ??Rev. 4
logo
Fairchild Semiconductor
FTCO3V455A1 FAIRCHILD-FTCO3V455A1 Datasheet
673Kb / 13P
   3-Phase Inverter Automotive Power Module
logo
ON Semiconductor
FTCO3V455A1 ONSEMI-FTCO3V455A1 Datasheet
330Kb / 11P
   3-Phase Inverter Automotive Power Module
November, 2021 ??Rev. 2
FAM04V18DT1 ONSEMI-FAM04V18DT1 Datasheet
687Kb / 8P
   3 Phase Inverter Automotive Power Module
May, 2020 ??Rev. 0
logo
Semikron International
SKAI45A2GD12-W12DI SEMIKRON-SKAI45A2GD12-W12DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W12DI SEMIKRON-SKAI90A2GD06-W12DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W24CI SEMIKRON-SKAI90A2GD06-W24CI Datasheet
526Kb / 9P
   Three-phase IGBT inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com