Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25010YI-GT3 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT25010YI-GT3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25010YI-GT3 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT25010YI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25010YI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25010YI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25010YI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25010YI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25010YI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25010YI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25010YI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25010YI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT25010, CAT25020, CAT25040
Doc. No. MD-1006 Rev. T
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Storage Temperature
-65 to +150
ºC
Voltage on any Pin with Respect to Ground
(2)
-0.5 to VCC + 0.5
V
RELIABILITY CHARACTERISTICS
(3)
Symbol
Parameter
Min
Units
NEND
(4)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V, TA=-40°C to +125°C unless otherwise specified.
Symbol Parameter
Test Conditions
Min
Max
Units
10MHz / -40°C to 85°C
2
mA
ICC
Supply Current
Read, Write, VCC = 5.0V,
SO open
5MHz / -40°C to 125°C
2
mA
ISB1
Standby Current
VIN = GND or VCC , CS
¯¯ = VCC,
WP
¯¯¯ = VCC, VCC = 5.0V
2
µA
TA= -40°C to +85°C
4
µA
ISB2
Standby Current
VIN = GND or VCC , CS
¯¯ = VCC,
WP
¯¯¯ = GND, VCC = 5.0V
TA= -40°C to +125°C
5
µA
IL
Input Leakage Current
VIN = GND or VCC
-2
2
µA
TA= -40°C to +85°C
-1
1
µA
ILO
Output Leakage
Current
CS
¯¯ = VCC ,
VOUT = GND or VCC
TA= -40°C to +125°C
-1
2
µA
VIL
Input Low Voltage
-0.5
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC > 2.5V, IOL = 3.0mA
0.4
V
VOH1
Output High Voltage
VCC > 2.5V, IOH = -1.6mA
VCC - 0.8V
V
VOL2
Output Low Voltage
VCC > 1.8V, IOL = 150µA
0.2
V
VOH2
Output High Voltage
VCC > 1.8V, IOH = -100µA
VCC - 0.2V
V
PIN CAPACITANCE
(3)
TA = 25˚C, f = 1.0MHz, VCC = +5.0V
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (SO)
VOUT = 0V
8
pF
CIN
Input Capacitance (CS
¯¯ , SCK, SI, WP
¯¯¯, HOLD
¯¯¯¯¯)
VIN = 0V
8
pF
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5V or higher than VCC + 0.5V. During transitions, the voltage on any pin may
undershoot to no less than -1.5V or overshoot to no more than VCC + 1.5V, for periods of less than 20ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Page Mode, VCC = 5V, 25°C


Similar Part No. - CAT25010YI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25010YI-GT3 CATALYST-CAT25010YI-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010YI-GT3 ONSEMI-CAT25010YI-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25010YI-GT3 ONSEMI-CAT25010YI-GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010YI-GT3 ONSEMI-CAT25010YI-GT3 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
CAT25010YI-GT3 ONSEMI-CAT25010YI-GT3 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
More results

Similar Description - CAT25010YI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com